Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV85081BDS50R4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV85081BDS50R4G
Description  5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV85081BDS50R4G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV85081BDS50R4G Datasheet HTML 1Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 2Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 3Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 4Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 5Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 6Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 7Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 8Page - ON Semiconductor NCV85081BDS50R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NCV8508B
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40°C ≤ TJ ≤ 125°C; 6.0 V ≤ VIN ≤ 28 V, 100 mA ≤ IOUT ≤ 150 mA, C2 = 1.0 mF, RDelay = 60 k;
unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
WAKEUP OUTPUT (VIN = 14 V, IOUT = 5.0 mA)
RESET HIGH to Wakeup Rising Delay
Time
NCV85082B
RDELAY = 60 k, 50% RESET rising edge to
50% Wakeup edge
RDELAY = 120 k
27
37.5
75
48
ms
ms
Wakeup Response to
Watchdog Input
50% WDI falling edge to
50% Wakeup falling edge
0.1
5.0
ms
Wakeup Response to RESET
50% RESET falling edge to
50% Wakeup falling edge
VOUT = VOUT_NOM −> 90% of VOUT_NOM
0.1
5.0
ms
Output Low
RLOAD = 10 k to VOUT, VOUT ≥ 1.0 V
RLOAD = 5.1 k to VOUT, VOUT ≥ 1.0 V
0.2
0.4
0.4
0.8
V
Output High
RLOAD = 10 k to GND
RLOAD = 5.1 k to GND
VOUT − 0.5
VOUT − 1.0
VOUT − 0.25
VOUT − 0.5
V
DELAY
Output Voltage
IDELAY = 50 mA. Note 4
1.25
V
3. Measured when the output voltage has dropped 100 mV from the nominal value. (see Figure 12)
4. Current drain on the Delay pin directly affects the Delay Time, Wakeup Period, and the RESET to Wakeup Delay Time.


Similar Part No. - NCV85081BDS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508 ONSEMI-NCV8508 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508D2T50 ONSEMI-NCV8508D2T50 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508D2T50G ONSEMI-NCV8508D2T50G Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
More results

Similar Description - NCV85081BDS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
logo
ON Semiconductor
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
logo
Rohm
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com