Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG405DK Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG405DK
Description  Improved, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG405DK Datasheet(HTML) 7 Page - Maxim Integrated Products

  DG405DK Datasheet HTML 1Page - Maxim Integrated Products DG405DK Datasheet HTML 2Page - Maxim Integrated Products DG405DK Datasheet HTML 3Page - Maxim Integrated Products DG405DK Datasheet HTML 4Page - Maxim Integrated Products DG405DK Datasheet HTML 5Page - Maxim Integrated Products DG405DK Datasheet HTML 6Page - Maxim Integrated Products DG405DK Datasheet HTML 7Page - Maxim Integrated Products DG405DK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Improved, Dual, High-Speed Analog Switches
_______________________________________________________________________________________
7
_________________________________Timing Diagrams/Test Circuits (continued)
IN
0V or 2.4V
SIGNAL
GENERATOR
+15V
+5V
C
C
V+
VL
ANALYZER
CH A
CH B
S
RL
100
GND
D
C
-15V
C = 5pF
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
OFF ISOLATION = 20log
VS
VD
V-
DG401
DG403
DG405
Figure 5. Off Isolation
Figure 6. Crosstalk
IN2
0V or 2.4V
SIGNAL
GENERATOR
+15V
+5V
C
C
VL
ANALYZER
CH A
CH B
RL
100
GND
C
V-
-15V
C = 5pF
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
0V or 2.4V
IN1
50
V+
D
D
S
S
DG401
DG403
DG405
V-
CAPACITANCE
METER
GND
C
-15V
IN
0V or 2.4V
C
C
+15V
+5V
V+
VL
S
D
DG401
DG403
DG405
Figure 7. Channel-Off Capacitance
V-
CAPACITANCE
METER
GND
C
-15V
IN
0V or 2.4V
C
C
+15V
+5V
V+
VL
S
D
DG401
DG403
DG405
Figure 8. Channel-On Capacitance


Similar Part No. - DG405DK

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG405DJ TEMIC-DG405DJ Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG405DJ VISHAY-DG405DJ Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG405DJ VISHAY-DG405DJ Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG405DJ-E3 VISHAY-DG405DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG405DJ-E3 VISHAY-DG405DJ-E3 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results

Similar Description - DG405DK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
MAX301 MAXIM-MAX301 Datasheet
93Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
logo
Maxim Integrated Produc...
DG417CJ MAXIM-DG417CJ Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com