Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4688DMU25TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4688DMU25TCG
Description  150 mA, Low Noise, LDO Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4688DMU25TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4688DMU25TCG Datasheet HTML 3Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 4Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 5Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 6Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 7Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 8Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 9Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 10Page - ON Semiconductor NCP4688DMU25TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCP4688
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 21. PSRR vs. Frequency NCP4688xx12
Figure 22. PSRR vs. Frequency NCP4688xx25
FREQUENCY (Hz)
FREQUENCY (Hz)
1M
100k
10k
1k
100
30
40
50
70
80
90
110
120
30
40
50
60
80
100
110
120
Figure 23. PSRR vs. Frequency NCP4688xx40
Figure 24. Output Noise Density vs. Frequency
NCP4688xx12
FREQUENCY (Hz)
FREQUENCY (Hz)
30
40
50
70
80
90
110
120
0
0.1
0.2
0.3
0.4
0.6
0.7
0.8
Figure 25. Output Noise Density vs. Frequency
NCP4688xx25
Figure 26. Output Noise Density vs. Frequency
NCP4688xx40
FREQUENCY (Hz)
FREQUENCY (Hz)
1M
100k
10k
1k
100
10
0
0.1
0.2
0.3
0.4
0.5
0.7
0.8
0
0.1
0.2
0.3
0.4
0.6
0.7
0.8
60
100
Iout = 1 mA
Iout =
50 mA
Iout = 150 mA
70
90
Iout = 1 mA
Iout =
50 mA
Iout = 150 mA
Iout = 1 mA
Iout =
50 mA
Iout = 150 mA
60
100
0.5
0.6
0.5
Vin = 2.2 V
Vin = 3.5 V
Vin = 5.0 V
1M
100k
10k
1k
100
1M
100k
10k
1k
100
1M
100k
10k
1k
100
1M
100k
10k
1k
100
10


Similar Part No. - NCP4688DMU25TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DMU25TCG ONSEMI-NCP4688DMU25TCG Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results

Similar Description - NCP4688DMU25TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com