Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4626HSN030T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4626HSN030T1G
Description  300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4626HSN030T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4626HSN030T1G Datasheet HTML 1Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 2Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 3Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 4Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 5Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 6Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 7Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 8Page - ON Semiconductor NCP4626HSN030T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
NCP4626
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 2)
VIN
−0.3 to 18.0
V
Output Voltage
VOUT
−0.3 to 18.0
V
Chip Enable Input
VCE
−0.3 to 18.0
V
Mode Selector Input
VECO
−0.3 to VIN + 0.3 ≤ 18.0
V
Output Current
IOUT
400
mA
Power Dissipation XDFN
PD
640
mW
Power Dissipation SOT89
900
Power Dissipation SOT23
420
Maximum Junction Temperature
TJ(MAX)
150
°C
Operation Temperature Rnage
TA
−40 to 85
°C
Storage Temperature
TSTG
−55 to 125
°C
ESD Capability, Human Body Model (Note 3)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 3)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN6
Thermal Resistance, Junction−to−Air
RqJA
156
°C/W
Thermal Characteristics, SOT23−5
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SOT89−5
Thermal Resistance, Junction−to−Air
RqJA
111
°C/W
ELECTRICAL CHARACTERISTICS −40°C ≤ TA ≤ 85°C; VIN = VCE = VOUT(NOM) + 3.0 V; IOUT = 1 mA, CIN = 2.2 mF, COUT = 4.7 mF,
unless otherwise noted. Typical values are at TA = +25°C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
2.0 V ≤ VOUT < 3.0 V
VIN
3.5
14.0
V
3.0 V ≤ VOUT
16.0
Output Voltage
Fast Mode, VECO = VIN
TA = +25 °C
VOUT
x0.985
x1.015
V
TA = −40 to 85°C
x0.970
x1.030
Low Power Mode,
VECO = GND
TA = +25 °C
x0.975
x1.025
TA = −40 to 85°C
x0.960
x1.040
Output Voltage Deviation
Fast mode to Low Power mode and back
DVOUT
−1.5
0
1.5
%
Output Voltage Temp.
Coefficient
TA = −40 to 85°C
±80
ppm/°C
Line Regulation
VIN = VOUT + 0.5 V to 16 V
(If VOUT <3.0 V, 3.5 V to 14 V)
LineReg
0.02
0.10
%/V


Similar Part No. - NCP4626HSN030T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626HSN030T1G ONSEMI-NCP4626HSN030T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
More results

Similar Description - NCP4626HSN030T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com