Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP707CMX185TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP707CMX185TCG
Description  200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP707CMX185TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP707CMX185TCG Datasheet HTML 1Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 2Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 3Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 4Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 5Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 6Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 7Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 8Page - ON Semiconductor NCP707CMX185TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 8
1
Publication Order Number:
NCP707/D
NCP707
200 mA, Very-Low
Quiescent Current, IQ 25 mA,
Low Noise, Low Dropout
Regulator
The NCP707 is 200 mA LDO that provides the engineer with a very
stable, accurate voltage with very low noise suitable for space
constrained, noise sensitive applications. In order to optimize
performance for battery operated portable applications, the NCP707
employs the dynamic quiescent current adjustment for very low IQ
consumption at no−load.
Features
Operating Input Voltage Range: 1.8 V to 5.5 V
Available in Fixed Voltage Options: 1.5 V to 3.3 V
Contact Factory for Other Voltage Options
Very Low Quiescent Current of Typ. 25 mA
Very Low Noise: 22 mVRMS from 100 Hz to 100 kHz
Very Low Dropout: 100 mV Typical at 200 mA
±2% Accuracy Over Load/Line/Temperature
High Power Supply Ripple Rejection: 70 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in XDFN 1.0 x 1.0 mm Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applicaitons
PDAs, Mobile phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth®, Zigbee®
Portable Medical Equipment
Other Battery Powered Applications
Figure 1. Typical Application Schematic
NCP707
IN
EN
OUT
GND
OFF
ON
VOUT
COUT
1
mF
Ceramic
CIN
VIN
XDFN4
MX SUFFIX
CASE 711AJ
MARKING
DIAGRAM
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
1
X
= Specific Device Code
M
= Date Code
X M
1
43
2
1
OUT
GND
IN
EN
(Top View)
EPAD


Similar Part No. - NCP707CMX185TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP707CMX185TCG ONSEMI-NCP707CMX185TCG Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com