Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP707BMX300TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP707BMX300TCG
Description  200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP707BMX300TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP707BMX300TCG Datasheet HTML 3Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 4Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 5Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 6Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 7Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 8Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 9Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 10Page - ON Semiconductor NCP707BMX300TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NCP707
www.onsemi.com
7
Figure 21. Dropout Voltage vs. Output Current
VOUT = 1.5 V
Figure 22. Dropout Voltage vs. Output Current
VOUT = 1.85 V
Figure 23. Dropout Voltage vs. Output Current
VOUT = 2.8 V
Figure 24. Dropout Voltage vs. Output Current
VOUT = 3.0 V
Figure 25. Dropout Voltage vs. Output Current
VOUT = 3.1 V
Figure 26. Dropout Voltage vs. Output Current
VOUT = 3.3 V
0
0.7
OUTPUT CURRENT (A)
0.04
0.2
0.16
0.12
0.08
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = 125°C
CIN = COUT = 1 mF
VOUT(NOM) = 1.5 V
TA = 25°C
TA = −40°C
0
0.45
OUTPUT CURRENT (A)
0.04
0.2
0.16
0.12
0.08
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0
0.200
OUTPUT CURRENT (A)
0.04
0.2
0.16
0.12
0.08
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
VOUT(NOM) = 1.85 V
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
VOUT(NOM) = 2.8 V
0
OUTPUT CURRENT (A)
0.04
0.2
0.16
0.12
0.08
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
CIN = COUT = 1 mF
VOUT(NOM) = 3.0 V
TA = 125°C
TA = 25°C
TA = −40°C
0
0.200
OUTPUT CURRENT (A)
0.04
0.2
0.16
0.12
0.08
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
0
OUTPUT CURRENT (A)
0.04
0.2
0.16
0.12
0.08
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
VOUT(NOM) = 3.1 V
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
VOUT(NOM) = 3.3 V


Similar Part No. - NCP707BMX300TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP707BMX300TCG ONSEMI-NCP707BMX300TCG Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com