Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP715MX33TBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP715MX33TBG
Description  50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP715MX33TBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP715MX33TBG Datasheet HTML 1Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 2Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 3Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 4Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 5Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 6Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 7Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 8Page - ON Semiconductor NCP715MX33TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP715
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS − Voltage Version 1.5 V
−40°C ≤ TJ ≤ 125°C; VIN = 2.5 V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TJ = +25°C. (Note 9)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
IOUT ≤ 10 mA
VIN
2.5
24
V
10 mA < IOUT < 50 mA
3.0
24
Output Voltage Accuracy
2.5 V < VIN < 24 V, 0 < IOUT ≤ 10 mA
VOUT
1.455
1.5
1.545
V
3.0 V < VIN < 24 V, 0 < IOUT < 50 mA
VOUT
1.455
1.5
1.545
V
3.0 V < VIN < 24 V, 1 mA < IOUT < 50 mA,
−20°C < TJ < 125°C;
VOUT
1.470
1.5
1.530
V
Line Regulation
VOUT + 1 V ≤ VIN ≤ 24 V, IOUT = 1 mA
RegLINE
2
mV
Load Regulation
IOUT = 0 mA to 50 mA
RegLOAD
5
mV
Dropout Voltage (Note 7)
VDO
mV
Maximum Output Current
(Note 10)
IOUT
100
200
mA
Ground Current
0 < IOUT < 50 mA, −40 < TA < 85°C
IGND
3.2
4.2
mA
0 < IOUT < 50 mA, VIN = 24 V
5.8
mA
Power Supply Rejection Ratio
VIN = 3.0 V, VOUT = 1.5 V
VPP = 200 mV modulation
IOUT = 1 mA, COUT = 10 mF
f = 100 kHz
PSRR
56
dB
Output Noise Voltage
VOUT = 1.5 V, IOUT = 50 mA
f = 200 Hz to 100 kHz, COUT = 10 mF
VN
75
mVrms
Thermal Shutdown Temperature
(Note 8)
Temperature increasing from TJ = +25°C
TSD
170
°C
Thermal Shutdown Hysteresis (Note 8)
Temperature falling from TSD
TSDH
15
°C
7. Not Characterized at VIN = 3.0 V, VOUT = 1.5 V, IOUT = 50 mA.
8. Guaranteed by design and characterization.
9. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
10.Respect SOA.


Similar Part No. - NCP715MX33TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP715MX33TBG ONSEMI-NCP715MX33TBG Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
More results

Similar Description - NCP715MX33TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
NCP716 ONSEMI-NCP716_16 Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
NCV8716 ONSEMI-NCV8716 Datasheet
620Kb / 16P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
April, 2015 ??Rev. 3
NCP716 ONSEMI-NCP716 Datasheet
666Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2014 ??Rev. 1
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com