Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG300ACK Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG300ACK
Description  TTL Compatible CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG300ACK Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG300ACK Datasheet HTML 2Page - Maxim Integrated Products DG300ACK Datasheet HTML 3Page - Maxim Integrated Products DG300ACK Datasheet HTML 4Page - Maxim Integrated Products DG300ACK Datasheet HTML 5Page - Maxim Integrated Products DG300ACK Datasheet HTML 6Page - Maxim Integrated Products DG300ACK Datasheet HTML 7Page - Maxim Integrated Products DG300ACK Datasheet HTML 8Page - Maxim Integrated Products DG300ACK Datasheet HTML 9Page - Maxim Integrated Products DG300ACK Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Applications Information
All DG300 family switches will operate with ±5V to ±15V
power supplies. They can also be used with single-ended
power supplies ranging from +10V to +30V where the V-
terminal is connected to ground. In either case, analog
signals ranging from V+ to V- can be switched.
The on-resistance variation with analog signal and supply
voltage is shown in the Typical Operating Characteristics.
The temperature coefficient of RON is typically 0.5%/°C.
Typical on-resistance matching from channel to chan-
nel is 10%. In addition, Table 1 outlines some typical
parameters for single-supply operation.
The charge injection test circuit is shown in Figure 1.
Table 2 lists the typical injected charge for DG300 series
switches with various input voltages.
TTL Compatible CMOS Analog Switches
6
_______________________________________________________________________________________
Table 1. Typical Single Supply Parameters
V+ SUPPLY VOLTAGE (V- = 0V)
PARAMETER
+10V
+15V
+20V
+30V
tON
190ns
150ns
110ns
70ns
Switching Time (RL = 1k
Ω)
tOFF
40ns
40ns
40ns
40ns
VSIGNAL = +1V
71
51
42
31
VSIGNAL = V+ / 2
77
54
43
30
On-Resistance
VSIGNAL = V+
84
63
54
43
Input Logic Levels
0.8V, 4.0V
0.8V, 4.0V
0.8V, 4.0V
0.8V, 4.5V
Table 2. Charge Injection (±15V Supplies)
ANALOG INPUT (V)
INJECTED Q (pC)
+10
4
+5
8
012
-5
8
-10
5
Chip Topography
DIE PAD
DG300
DG300A
DG301
DG301A
DG302/DG303
DG302A/DG303A
a
N.C.
N.C.
S3
bD1
D1
D3
cD1
S1
D1
d
S1
IN1
S1
e
IN1
IN1
IN1
fV+
V+
V+
g
GND
GND
GND
hV-
V-
V-
i
IN2
GND
IN2
jS2
V-
S2
kD2
S2
D2
lD2
D2
D4
m
N.C.
N.C.
S4
nV+
V+
V+
ba
n
m
l
k
j
c
d
ef
g
h
i
0.108"
2.74mm
0.106"
2.69mm


Similar Part No. - DG300ACK

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG300ACJ TEMIC-DG300ACJ Datasheet
97Kb / 10P
   CMOS Analog Switches
More results

Similar Description - DG300ACK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
Maxim Integrated Produc...
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com