Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP707BMX150TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP707BMX150TCG
Description  200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP707BMX150TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP707BMX150TCG Datasheet HTML 1Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 2Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 3Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 4Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 5Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 6Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 7Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 8Page - ON Semiconductor NCP707BMX150TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCP707
www.onsemi.com
4
Figure 3. Output Voltage vs. Temperature
VOUT = 1.5 V
Figure 4. Output Voltage vs. Temperature
VOUT = 1.85 V
Figure 5. Output Voltage vs. Temperature
VOUT = 2.85 V
Figure 6. Output Voltage vs. Temperature
VOUT = 3.0 V
Figure 7. Output Voltage vs. Temperature
VOUT = 3.1 V
Figure 8. Output Voltage vs. Temperature
VOUT = 3.3 V
1.510
1.505
1.500
1.495
1.490
1.485
1.480
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
IOUT = 10 mA
IOUT
CIN = COUT = 1 mF
VIN = 2.0 V
VOUT(NOM) = 1.5 V
JUNCTION TEMPERATURE (
°C)
1.860
−40
−20
0
140
120
100
20
40
60
80
1.855
1.850
1.845
1.840
1.835
1.830
CIN = COUT = 1 mF
VIN = 2.35 V
VOUT(NOM) = 1.85 V
IOUT = 10 mA
IOUT = 200 mA
2.870
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
2.865
2.860
2.855
2.850
2.845
2.840
IOUT = 10 mA
IOUT = 200 mA
CIN = COUT = 1 mF
VIN = 3.35 V
VOUT(NOM) = 2.85 V
JUNCTION TEMPERATURE (
°C)
3.000
−40
−20
0
140
120
100
20
40
60
80
2.995
2.990
2.985
2.980
2.975
2.970
IOUT = 10 mA
IOUT = 200 mA
CIN = COUT = 1 mF
VIN = 3.5 V
VOUT(NOM) = 3.0 V
3.110
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
3.105
3.100
3.095
3.090
3.085
3.080
CIN = COUT = 1 mF
VIN = 3.6 V
VOUT(NOM) = 3.1 V
IOUT = 10 mA
IOUT = 200 mA
JUNCTION TEMPERATURE (
°C)
3.300
−40
−20
0
140
120
100
20
40
60
80
3.295
3.290
3.285
3.280
3.275
3.270
IOUT = 10 mA
IOUT = 200 mA
CIN = COUT = 1 mF
VIN = 3.8 V
VOUT(NOM) = 3.3 V


Similar Part No. - NCP707BMX150TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP707BMX150TCG ONSEMI-NCP707BMX150TCG Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com