Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH30K10PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG7PH30K10PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH30K10PBF Datasheet(HTML) 2 Page - International Rectifier

  IRG7PH30K10PBF_15 Datasheet HTML 1Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 2Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 3Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 4Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 5Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 6Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 7Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 8Page - International Rectifier IRG7PH30K10PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRG7PH30K10PbF
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 200µH, RG = 51Ω.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ Rθ is measured at TJ of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 250
µA e
CT6
∆V(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
—1.27
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
e
CT6
2.05
2.35
IC = 9.0A, VGE = 15V, TJ = 25°C d
5,6,7
VCE(on)
Collector-to-Emitter Saturation Voltage
2.56
V
IC = 9.0A, VGE = 15V, TJ = 150°C
d
8,9,10
—2.65
IC = 9.0A, VGE = 15V, TJ = 175°C d
VGE(th)
Gate Threshold Voltage
5.0
7.5
V
VCE = VGE, IC = 400µA
8,9
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
-16
mV/°C VCE = VGE, IC = 400µA (25°C - 175°C)
10,11
gfe
Forward Transconductance
6.2
S
VCE = 50V, IC = 9.0A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
1.0
25
VGE = 0V, VCE = 1200V
—400
VGE = 0V, VCE = 1200V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±30V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
45
68
IC = 9.0A d
18
Qge
Gate-to-Emitter Charge (turn-on)
8.7
13
nC VGE = 15V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
20
30
VCC = 600V
Eon
Turn-On Switching Loss
530
760
IC = 9.0A, VCC = 600V, VGE = 15V
d
CT4
Eoff
Turn-Off Switching Loss
380
600
µJ
RG = 22
Ω, L = 1000µH, LS = 150nH,TJ = 25°C
Etotal
Total Switching Loss
910
1360
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
14
31
IC = 9.0A, VCC = 600V, VGE = 15VÃd
CT4
tr
Rise time
24
41
ns
RG = 22
Ω, L = 1000µH, LS = 150nH,TJ = 25°C
td(off)
Turn-Off delay time
110
130
tf
Fall time
38
56
Eon
Turn-On Switching Loss
850
IC = 9.0A, VCC = 600V, VGE=15VÃd
12,14
Eoff
Turn-Off Switching Loss
750
µJ
RG=22
Ω, L=1000µH, LS=150nH, TJ = 175°C
CT4
Etotal
Total Switching Loss
1600
Energy losses include tail & diode reverse recovery
WF1, WF2
td(on)
Turn-On delay time
12
IC = 9.0A, VCC = 600V, VGE=15V
d
13,15
tr
Rise time
23
ns
RG = 22
Ω, L = 1000µH, LS = 150nH
CT4
td(off)
Turn-Off delay time
130
TJ = 175°C
WF1
tf
Fall time
270
WF2
Cies
Input Capacitance
1070
pF
VGE = 0V
17
Coes
Output Capacitance
63
VCC = 30V
Cres
Reverse Transfer Capacitance
26
f = 1.0Mhz
TJ = 175°C, IC = 36A
4
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 960V, Vp =1200V
CT2
Rg = 10
Ω, VGE = +20V to 0V, TJ =175°C
SCSOA
Short Circuit Safe Operating Area
10
µs
VCC = 600V, Vp =1200V ,TJ = 150°C,
16, CT3
Rg = 22
Ω, VGE = +15V to 0V
WF4
Conditions
µA


Similar Part No. - IRG7PH30K10PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH30K10PBF IRF-IRG7PH30K10PBF Datasheet
326Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG7PH30K10PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com