Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH28UD1PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG7PH28UD1PBF
Description  Low switching losses
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH28UD1PBF Datasheet(HTML) 4 Page - International Rectifier

  IRG7PH28UD1PBF_15 Datasheet HTML 1Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 2Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 3Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 4Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 5Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 6Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 7Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 8Page - International Rectifier IRG7PH28UD1PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
 
IRG7PH28UD1PbF/IRG7PH28UD1MPbF
4
www.irf.com
© 2012 International Rectifier
January 8, 2013
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VF (V)
0.1
1
10
100
25°C
150°C
Fig. 8
- Typ. Diode Forward Voltage Drop
Characteristics
0
2
4
6
8
10
VCE(V)
0
10
20
30
40
50
60
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 7.5A
ICE= 15A
ICE= 30A
Fig. 7
- Typ. IGBT Output Characteristics
T
J
= 150°C; tp = 20µs
Fig. 9
- Typical V
CE
vs. V
GE
T
J
= -40°C
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 7.5A
ICE= 15A
ICE= 30A
Fig. 10
- Typical VCE vs. VGE
TJ = 25°C
456789
10
11
12
VGE (V)
0
10
20
30
40
50
60
70
TJ = 150°C
TJ = 25°C
Fig. 12
- Typ. Transfer Characteristics
VCE = 50V; tp = 20µs
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 7.5A
ICE= 15A
ICE= 30A
Fig. 11
- Typical VCE vs. VGE
TJ = 150°C


Similar Part No. - IRG7PH28UD1PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
More results

Similar Description - IRG7PH28UD1PBF_15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
   low switching losses
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
   low switching losses
November 2010 Rev 1
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
   low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRGB4064DPBF IRF-IRGB4064DPBF_15 Datasheet
379Kb / 11P
   Low Switching Losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
   Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
   Low Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com