Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PG42UDPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG7PG42UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PG42UDPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG7PG42UDPBF Datasheet HTML 1Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 2Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 3Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 4Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 5Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 6Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 7Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 8Page - International Rectifier IRG7PG42UDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 
IRG7PG42UDPbF/IRG7PG42UD-EPbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
April 29, 2014
4
8
12
16
20
VGE (V)
0
2
4
6
8
10
12
ICE = 15A
ICE = 30A
ICE = 60A
468
10
12
VGE, Gate-to-Emitter Voltage (V)
0
20
40
60
80
100
120
TJ = 25°C
TJ = 150°C
0
10
20
30
40
50
60
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
0
20
40
60
80
100
RG ()
10
100
1000
10000
tR
tdOFF
tF
tdON
Fig. 17 - Typ. Switching Time vs. RG
TJ = 150°C; L = 200µH; VCE = 600V, ICE = 30A; VGE = 15V
Fig. 15 - Typ. Switching Time vs. IC
TJ = 150°C; L = 200µH; VCE = 600V, RG = 10; VGE = 15V
Fig. 13 - Typ. Transfer Characteristics
VCE = 50V
0
1020
30
40
5060
IC (A)
0
1000
2000
3000
4000
5000
6000
7000
EOFF
EON
Fig. 12 - Typical VCE vs. VGE
TJ = 150°C
0
20
40
60
80
100
RG ()
1000
2000
3000
4000
5000
6000
EON
EOFF
Fig. 16 - Typ. Energy Loss vs. RG
TJ = 150°C; L = 200µH; VCE = 600V, ICE = 30A; VGE = 15V
Fig. 14 - Typ. Energy Loss vs. IC
TJ = 150°C; L = 200µH; VCE = 600V, RG = 10; VGE = 15V


Similar Part No. - IRG7PG42UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PG35UPBF IRF-IRG7PG35UPBF Datasheet
427Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG7PG35UPBF IRF-IRG7PG35UPBF_15 Datasheet
427Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG7PG42UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com