Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG421DK Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG421DK
Description  Improved Low-Power, CMOS Analog Switches with Latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG421DK Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG421DK Datasheet HTML 1Page - Maxim Integrated Products DG421DK Datasheet HTML 2Page - Maxim Integrated Products DG421DK Datasheet HTML 3Page - Maxim Integrated Products DG421DK Datasheet HTML 4Page - Maxim Integrated Products DG421DK Datasheet HTML 5Page - Maxim Integrated Products DG421DK Datasheet HTML 6Page - Maxim Integrated Products DG421DK Datasheet HTML 7Page - Maxim Integrated Products DG421DK Datasheet HTML 8Page - Maxim Integrated Products DG421DK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
_______________________________________________________________________________________
5
___________________Pin Descriptions
1, 8
D1, D2
Drain Terminals
2
W
R
Write Select
3, 4, 5, 6
N.C.
No Internal Connection
7
R
S
Reset Select
9, 16
S1, S2
Source Terminals
10, 15
IN1, IN2
Input Control
11
V+
Positive Supply
12
VL
Logic Supply
13
GND
Ground
14
V-
Negative Supply
1, 8, 3, 6
2, 10, 4, 8
Drain Terminals
2
3
Write Select
W
R
16, 9, 4, 5 20, 12, 5, 7
Source Terminals
S1-S4
7
9
Resets Select
D1-D4
15, 10
19, 13
Input Control
IN1, IN2
11
14
Positive Supply
V+
R
S
12
15
Logic Supply
VL
1, 6, 11, 16
No Internal Connection
N.C.
14
18
Negative Supply
V-
13
17
Ground
GND
PIN
NAME
FUNCTION
DIP
PLCC
FUNCTION
NAME
Figure 1. Overvoltage Protection Using External Blocking Diodes
__________Applications Information
Operation with Supply Voltages
Other Than ±15V
The DG421/DG423/DG425 switches operate with ±4.5V
to ±20V bipolar supplies or with a +10V to +30V single
supply. In either case, analog signals ranging from V+
to V- can be switched. The
Typical Operating
Characteristics graphs illustrate typical analog-signal
and supply-voltage on-resistance variations. The usual
on-resistance temperature coefficient is 0.5%/°C (typ).
Logic Inputs
These devices operate with a single positive supply or
with bipolar supplies. They maintain TTL compatibility
with supplies anywhere in the ±4.5V to ±20V range as
long as VL = +5V. If VL is connected to V+ or another
supply at voltages other than +5V, the devices will
operate at CMOS-logic-level inputs.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by VL, V-, and
logic inputs. If power-supply sequencing is not possi-
ble, add two small, external signal diodes in series with
supply pins for overvoltage protection (Figure 1).
Adding diodes reduces the analog signal range to 1V
below V+ and 1V above V-, without affecting low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between V+
and V- should not exceed +44V.
V+
D
V-
S
Vg
DG421
DG423/DG425


Similar Part No. - DG421DK

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DG42-B1A HIROSE-DG42-B1A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B1AA HIROSE-DG42-B1AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2A HIROSE-DG42-B2A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2AA HIROSE-DG42-B2AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B3A HIROSE-DG42-B3A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
More results

Similar Description - DG421DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com