Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP706MX22TAG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP706MX22TAG
Description  1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP706MX22TAG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP706MX22TAG Datasheet HTML 4Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 5Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 6Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 7Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 8Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 9Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 10Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 11Page - ON Semiconductor NCP706MX22TAG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCP706
www.onsemi.com
8
TYPICAL CHARACTERISTICS
2.090
2.092
2.094
2.096
2.098
2.100
2.102
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 3. Output Voltage vs. Temperature
VIN = 2.4 V
IOUT = 10 mA
COUT = 4.7 mF
VOUT(NOM) = 2.1 V
2.184
2.188
2.192
2.196
2.200
2.204
2.208
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 4. Output Voltage vs. Temperature
VIN = 2.5 V
IOUT = 10 mA
COUT = 4.7 mF
VOUT(NOM) = 2.2 V
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
1.0
2.0
3.0
4.0
5.0
VIN = VEN
TA = 25°C
COUT = 4.7 mF
VOUT(NOM) = 2.1 V
INPUT VOLTAGE (V)
IOUT = 10 mA
IOUT = 50 mA
IOUT = 250 mA
IOUT = 500 mA
Figure 5. Output Voltage vs. Temperature
Figure 6. Output Voltage vs. Input Voltage
2.992
2.994
2.996
2.998
3.000
3.002
3.004
−40 −20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
VIN = 3.3 V
IOUT = 10 mA
COUT = 1 mF
VOUT(NOM) = 3.0 V
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
1.0
2.0
3.0
4.0
5.0
INPUT VOLTAGE (V)
Figure 7. Output Voltage vs. Input Voltage
IOUT = 10 mA
IOUT = 50 mA
IOUT = 250 mA
IOUT = 500 mA
VIN = VEN
TA = 25°C
COUT = 4.7 mF
VOUT(NOM) = 2.2 V
Figure 8. Output Voltage vs. Input Voltage
0.0
0.5
1.0
1.5
2.5
2.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
INPUT VOLTAGE (V)
IOUT = 10 mA
IOUT = 50 mA
IOUT = 250 mA
IOUT = 500 mA
VIN = VEN
TA = 25°C
COUT = 1 mF
VOUT(NOM) = 3.0 V
3.0


Similar Part No. - NCP706MX22TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706MX22TAG ONSEMI-NCP706MX22TAG Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
NCP706MX22TAG ONSEMI-NCP706MX22TAG Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
NCP706MX22TAG ONSEMI-NCP706MX22TAG Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
More results

Similar Description - NCP706MX22TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com