Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401DK Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG401DK
Description  Improved, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401DK Datasheet(HTML) 8 Page - Maxim Integrated Products

  DG401DK Datasheet HTML 1Page - Maxim Integrated Products DG401DK Datasheet HTML 2Page - Maxim Integrated Products DG401DK Datasheet HTML 3Page - Maxim Integrated Products DG401DK Datasheet HTML 4Page - Maxim Integrated Products DG401DK Datasheet HTML 5Page - Maxim Integrated Products DG401DK Datasheet HTML 6Page - Maxim Integrated Products DG401DK Datasheet HTML 7Page - Maxim Integrated Products DG401DK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
___________________Chip Topography
D1
S1
D2
S2
IN1
V-
GND
VL
V+
IN2
0.102”
(2.59mm)
D3
(DG403/DG405)
S3
(DG403/DG405)
S4
(DG403/DG405)
D4
(DG403/DG405)
0.070”
(1.78mm)
Improved, Dual, High-Speed Analog Switches
_Ordering Information (continued)
____Pin Configurations (continued)
* Contact factory for dice specifications.
* *Contact factory for availability and processing to MIL-STD-883B.
DG401
LCC
DG403
14
15
16
17
18
5
6
7
8
S3
D3 4
N.C.
S4
D4
V-
GND
N.C.
VL
V+
14
15
16
17
18
4
5
6
7
8
N.C.
N.C.
N.C.
N.C.
N.C.
V-
GND
N.C.
VL
V+
TOP VIEW
DG405
14
15
16
17
18
4
5
6
7
8
D3
S3
N.C.
S4
D4
V-
GND
N.C.
VL
V+
20 LCC**
-55°C to +125°C
DG401AZ
16 CERDIP**
-55°C to +125°C
DG401AK
16 CERDIP
-40°C to +85°C
DG401DK
16 Narrow SO
-40°C to +85°C
DG401DY
16 Plastic DIP
-40°C to +85°C
DG401DJ
20 LCC**
-55°C to +125°C
DG405AZ
16 CERDIP**
-55°C to +125°C
DG405AK
16 CERDIP
-40°C to +85°C
DG405DK
16 Plastic DIP
-40°C to +85°C
DG405DJ
16 Narrow SO
-40°C to +85°C
DG405DY
Dice*
0°C to +70°C
DG405C/D
16 Narrow SO
0°C to +70°C
DG405CY
16 Plastic DIP
0°C to +70°C
DG405CJ
20 LCC**
-55°C to +125°C
DG403AZ
16 CERDIP**
-55°C to +125°C
DG403AK
16 CERDIP
-40°C to +85°C
DG403DK
16 Narrow SO
-40°C to +85°C
DG403DY
16 Plastic DIP
-40°C to +85°C
DG403DJ
Dice*
0°C to +70°C
DG403C/D
16 Narrow SO
0°C to +70°C
DG403CY
16 Plastic DIP
0°C to +70°C
DG403CJ
PIN PACKAGE
TEMP. RANGE
PART
TRANSISTOR COUNT: 66
SUBSTRATE CONNECTED TO V+
N.C. = NOT INTERNALLY
CONNECTED
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.


Similar Part No. - DG401DK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401DJ INTERSIL-DG401DJ Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
TEMIC Semiconductors
DG401DJ TEMIC-DG401DJ Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401DJ VISHAY-DG401DJ Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401DJ VISHAY-DG401DJ Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401DJ-E3 VISHAY-DG401DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG401DK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
MAX301 MAXIM-MAX301 Datasheet
93Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
logo
Maxim Integrated Produc...
DG417CJ MAXIM-DG417CJ Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com