Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP705MT18TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP705MT18TCG
Description  500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP705MT18TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP705MT18TCG Datasheet HTML 1Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 2Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 3Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 4Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 5Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 6Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 7Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 8Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP705
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage Noise Spectral Density for VOUT = 0.8 V, COUT = 1 mF
FREQUENCY (kHz)
1000
10
1
0.1
0.01
0.001
0.01
0.1
1
10
Figure 4. Output Voltage Noise Spectral Density for VOUT = 0.8 V, COUT = 10 mF
Figure 5. Output Voltage Noise Spectral Density for VOUT = 3.3 V, COUT = 1 mF
VIN = 2.5 V
VOUT = 0.8 V
CIN = COUT = 1 mF
MLCC, X7R,
1206 size
IOUT = 10 mA
IOUT = 300 mA
IOUT = 500 mA
10 mA
19.06
18.21
100 mA
15.99
15.04
300 mA
14.42
13.39
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
FREQUENCY (kHz)
0.001
0.01
0.1
1
10
FREQUENCY (kHz)
0.001
0.01
0.1
1
10
VIN = 3.8 V
VOUT = 3.3 V
CIN = COUT = 1 mF
MLCC, X7R,
1206 size
500 mA
13.70
12.60
10 mA
16.17
15.28
100 mA
16.41
15.65
300 mA
14.94
14.10
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
500 mA
14.08
13.11
10 mA
18.12
15.39
100 mA
16.42
13.50
300 mA
16.35
12.47
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
500 mA
16.00
12.10
100
1000
10
1
0.1
0.01
100
VIN = 2.5 V
VOUT = 0.8 V
CIN = 1 mF
COUT = 10 mF
MLCC, X7R,
1206 size
IOUT = 10 mA
IOUT = 300 mA
IOUT = 100 mA
IOUT = 500 mA
1000
10
1
0.1
0.01
100
IOUT = 300 mA
IOUT = 500 mA
IOUT = 100 mA
IOUT = 10 mA
IOUT = 100 mA


Similar Part No. - NCP705MT18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP705MT18TCG ONSEMI-NCP705MT18TCG Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com