Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG300AA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG300AA
Description  TTL Compatible CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG300AA Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG300AA Datasheet HTML 1Page - Maxim Integrated Products DG300AA Datasheet HTML 2Page - Maxim Integrated Products DG300AA Datasheet HTML 3Page - Maxim Integrated Products DG300AA Datasheet HTML 4Page - Maxim Integrated Products DG300AA Datasheet HTML 5Page - Maxim Integrated Products DG300AA Datasheet HTML 6Page - Maxim Integrated Products DG300AA Datasheet HTML 7Page - Maxim Integrated Products DG300AA Datasheet HTML 8Page - Maxim Integrated Products DG300AA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TTL Compatible CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +15V, V- = -15V, GND = 0V, TA = +25°C, unless otherwise noted.)
DG300–DG303A
DG300A–DG303AA
DG300–DG303B/C
DG300A–DG303AB/C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
UNITS
Positive Supply
Current
I+
0.23
0.5
0.23
0.5
mA
Negative Supply
Current
I-
VIN = 4V (one input)
(all others = 0)
-10
-0.001
-10
-0.001
µA
Positive Supply
Current
I+
0.001
10
0.001
10
µA
Negative Supply
Current
I-
VIN = 0.8V (all inputs)
-10
-0.001
-10
-0.001
µA
ELECTRICAL CHARACTERISTICS (Over Temperature)
(V+ = +15V, V- = -15V, GND = 0V, TA = Over Temperature Range, unless otherwise noted.)
DG300–DG303A
DG300A–DG303AA
DG300–DG303B/C
DG300A–DG303AB/C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
UNITS
Analog Signal Range
VANALOG IS = -10mA, VIN = 0.8V or 4.0V
-15
+15
-15
+15
V
IS = -10mA, VD = 10V
75
75
Drain-Source
ON-Resistance
RDS(ON)
IS = -10mA, VD = -10V
75
75
VS = 14V, VD = -14V
100
100
Source OFF-
Leakage Current
IS(OFF)
VS = -14V, VD = 14V
-100
-100
nA
VS = -14V, VD = 14V
100
100
Drain OFF-
Leakage Current
ID(OFF)
VS = 14V, VD = -14V
-100
-100
nA
VD = VS = 14V
200
200
Drain ON-
Leakage Current
ID(ON)
VIN = 0.8V
or
VIN = 0.8V
VD = VS = -14V
-200
-200
nA
VIN = 5.0V
-1
-10
Input Current/
Voltage High
IINH
VIN = 15V
1
10
µA
Input Current/
Voltage Low
IINL
VIN = 0V
-1
-10
µA
Positive Supply
Current
I+
1
1
mA
Negative Supply
Current
I-
VIN = 4V (one input)
(all others = 0)
-100
-200
mA
Positive Supply
Current
I+
100
200
µA
Negative Supply
Current
I-
VIN = 0.8V (all inputs)
-100
-200
µA
Turn-ON Time
tON
500
ns
Turn-OFF Time
tOFF
See Switching Time Test Circuit
450
ns


Similar Part No. - DG300AA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG300AA MAXIM-DG300AA Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300AA MAXIM-DG300AA Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
logo
TEMIC Semiconductors
DG300AAA/883 TEMIC-DG300AAA/883 Datasheet
97Kb / 10P
   CMOS Analog Switches
DG300AAK TEMIC-DG300AAK Datasheet
97Kb / 10P
   CMOS Analog Switches
DG300AAK/883 TEMIC-DG300AAK/883 Datasheet
97Kb / 10P
   CMOS Analog Switches
More results

Similar Description - DG300AA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
Maxim Integrated Produc...
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com