Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408CJ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG408CJ
Description  iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG408CJ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG408CJ Datasheet HTML 1Page - Maxim Integrated Products DG408CJ Datasheet HTML 2Page - Maxim Integrated Products DG408CJ Datasheet HTML 3Page - Maxim Integrated Products DG408CJ Datasheet HTML 4Page - Maxim Integrated Products DG408CJ Datasheet HTML 5Page - Maxim Integrated Products DG408CJ Datasheet HTML 6Page - Maxim Integrated Products DG408CJ Datasheet HTML 7Page - Maxim Integrated Products DG408CJ Datasheet HTML 8Page - Maxim Integrated Products DG408CJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+ ............................................................................-0.3V, 44V
GND .........................................................................-0.3V, 25V
Digital Inputs, S, D (Note 1)....................(V- - 2V) to (V+ + 2V) or
30mA (whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current, S or D
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
Wide SO (derate 12.50mW/°C above +70°C)............1000mW
PLCC (derate 10.53mW/°C above +70°C) ..................842mW
CERDIP (derate 16.67mW/°C above +70°C) .............1333mW
Operating Temperature Ranges
DG406/DG407C_ ...............................................0°C to +70°C
DG406/DG407D_ ............................................-40°C to +85°C
DG406/DG407AK ..........................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VD = ±10V,
VS = ±10V,
sequence
each switch
on
VD = +10V,
VS = ±10V,
VEN = 0V
VD = +10V,
VS = ±10V,
VEN = 0V
IS = -1.0mA,
VD = ±10V
IS = -1.0mA,
VD = ±10V (Note 4)
VD = ±10V,
VS = +10V,
VEN = 0V
CONDITIONS
nA
-100
100
ID(ON)
+
IS(ON)
Drain-On Leakage Current
(Note 5)
-20
20
-1
0.02
1
-200
200
-40
40
-1
0.02
1
nA
-100
100
ID(OFF)
Drain-Off Leakage Current
(Note 5)
-20
20
-1
0.02
1
-200
200
60
100
-40
40
-1
0.02
1
nA
-50
50
IS(OFF)
Source-Off Leakage Current
(Note 5)
-5
5
125
rDS(ON)
Drain-Source On-Resistance
1.5
8
10
∆rDS(ON)
On-Resistance Matching
Between Channels
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Note 1:
Signals on S_, D_, A0, A1, A2, A3, or EN exceeding V+ or V- are clamped by internal diodes. Limit forward current to max-
imum current ratings.
V
-15
15
VANALOG
Analog Signal Range
IS = -1.0mA,
VD = ±5V or 0V
1.8
9
12
rFLAT
On-Resistance Flatness
(Note 3)
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
-0.5
0.01
0.5
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
DG407
DG406
DG407
DG406
C, D
A
C, D
A
C, D
A
C, D
A
C, D
A
SWITCH


Similar Part No. - DG408CJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408CJ MAXIM-DG408CJ Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
More results

Similar Description - DG408CJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
   IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com