Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP698SQ15T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP698SQ15T1G
Description  150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP698SQ15T1G Datasheet(HTML) 7 Page - ON Semiconductor

  NCP698SQ15T1G Datasheet HTML 1Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 2Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 3Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 4Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 5Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 6Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 7Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 8Page - ON Semiconductor NCP698SQ15T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP698
http://onsemi.com
7
APPLICATIONS INFORMATION
A typical application circuit for the NCP698 is shown in
Figure 1.
Input Decoupling (C1)
A 1.0
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the NCP698
package. Higher values and lower ESR will improve the
overall line transient response.
TDK capacitor: C2012X5R1C105K, or C1608X5R1A105K
Output Decoupling (C2)
The NCP698 is a very stable regulator and does not
require any specific Equivalent Series Resistance (ESR) or
a minimum output current. Capacitors exhibiting ESRs
ranging from a few m
W up to 10 W can thus safely be used.
The minimum decoupling value is 0.1
mF and can be
augmented to fulfill stringent load transient requirements.
The regulator accepts ceramic chip capacitors as well as
tantalum devices. Larger values improve noise rejection and
load regulation transient response.
TDK capacitor: C2012X5R1C105K, C1608X5R1A105K,
or C3216X7R1C105K
Enable Operation
The enable pin will turn on the regulator when pulled high
and turn off the regulator when pulled low. These limits of
threshold are covered in the electrical specification section
of this data sheet. If the enable is not used, then the pin
should be connected to Vin.
Hints
Please be sure the Vin and GND lines are sufficiently
wide. When the impedance of these lines is high, there is a
chance to pick up noise or cause the regulator to
malfunction.
Place external components, especially the output
capacitor, as close as possible to the circuit, and make leads
as short as possible.
Thermal
As power across the NCP698 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material and also the ambient
temperature effect the rate of temperature rise for the part.
This is stating that when the devices have good thermal
conductivity through the PCB, the junction temperature will
be relatively low with high power dissipation applications.
The maximum dissipation the package can handle is
given by:
PD +
TJ(max) *TA
RqJA
If junction temperature is not allowed above the
maximum 125
°C, then the NCP698 can dissipate up to
250 mW @ 25
°C.
The power dissipated by the NCP698 can be calculated
from the following equation:
Ptot + Vin *Ignd (Iout) ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If an 80 mA output current is needed then the ground
current from the data sheet is 2.5
mA. For an NCP698
(3.0 V), the maximum input voltage will then be 6.0 V.
Figure 12. RqJA vs. Pad Copper Area
(1 oz Cu thickness)
700
500
400
200
100
PCB COPPER AREA (mm2)
150
350
190
0
600
170
250
210
230
No pin connected to Cu Plane
300
270
290
310
330
Pin 2 connected to Cu Plane


Similar Part No. - NCP698SQ15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698SQ15T1G ONSEMI-NCP698SQ15T1G Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
More results

Similar Description - NCP698SQ15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com