Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV571SN12T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV571SN12T1G
Description  150 mA CMOS Low Iq Low Output Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV571SN12T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV571SN12T1G Datasheet HTML 3Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 4Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 5Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 6Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 7Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 8Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 9Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 10Page - ON Semiconductor NCV571SN12T1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCP571, NCV571
http://onsemi.com
7
APPLICATIONS INFORMATION
A typical application circuit for the NCP571 series is
shown in Figure 2.
Input Decoupling (C1)
A 0.1
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the NCP571
package. Higher values and lower ESR will improve the
overall line transient response.
Output Decoupling (C2)
The NCP571 is a stable Regulator and does not require
any specific Equivalent Series Resistance (ESR) or a
minimum output current. Capacitors exhibiting ESRs
ranging from a few m
W up to 3.0 W can thus safely be used.
The minimum decoupling value is 0.1
mF and can be
augmented to fulfill stringent load transient requirements.
The regulator accepts ceramic chip capacitors as well as
tantalum devices. Larger output capacitors can be used
without fear of instabilities. Larger values improve noise
rejection and load regulation transient response.
Enable Operation
The enable pin will turn on or off the regulator. These
limits of threshold are covered in the electrical specification
section of this data sheet. If the enable is not used then the
pin should be connected to Vin. It is not recommended to
leave this pin on air. In case the voltage of Enable signal is
higher then Input voltage of NCP571 device it is necessary
add an resistor divider in order to keep voltage at Enable pin
bellow Input voltage. A single gate device of VHC family
could be used for this logic level translation. The NL17SZ06
device could be chosen for non inverting open−drain buffer
as shown in Figure 19. Other possibility is using NL17SZ16
device as shown in Figure 20. More information is
mentioned in Application Note AND8101/D.
Figure 19.
Vin
Enable
Vin
GND
Enable
NC
GND
Vout
Vout
GND
C1
C2
0.1
mF
NL17SZ06
3.3 V
NCP571
0.1
mF
3.3 V
0 V


Similar Part No. - NCV571SN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV571SN12T1G ONSEMI-NCV571SN12T1G Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCV571SN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com