Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP690MN15T2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP690MN15T2G
Description  1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP690MN15T2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP690MN15T2G Datasheet HTML 5Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 6Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 7Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 8Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 9Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 10Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 11Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 12Page - ON Semiconductor NCP690MN15T2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCP690, NCP691, NCP692, NCV8690
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 15. Output Voltage vs. Temperature
(Vout = 5.0 V)
Figure 16. Dropout Voltage vs. Temperature
(Vout = 1.25 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5.0 V)
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
110
85
60
135
35
10
−15
−40
4.96
4.97
4.98
4.99
5.01
5.03
5.04
5.05
110
85
60
135
35
10
−15
−40
100
150
200
250
300
350
400
5.00
5.02
IOUT = 1 A
IOUT = 100 mA
VIN = VOUT_NOM + 1 V = 6.0 V,
CIN = COUT = 10 mF
VOUT = 1.5 V
IOUT = 1.0 A,
CIN = COUT = 10 mF
VOUT = 2.5 V
VOUT = 5.0 V
VOUT = 1.25 V
450
500
VOUT = 1.8 V
VOUT = 3.3 V
1.25 V
1.25 V
Figure 17. Ground Current vs. Temperature
(Vout = 1.25 V, 1.5 V, 2.5 V, 3.3 V, 5.0 V)
Figure 18. Ground Current vs. Temperature
(Vout = 1.25 V, 1.5 V, 2.5 V, 3.3 V, 5.0 V)
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
110
85
60
135
35
10
−15
−40
90
120
150
180
210
240
270
1.5 V
IOUT = 1.0 A,
VIN = VOUT + 1 V
2.5 V
VOUT = 5.0 V
110
85
60
135
35
10
−15
−40
60
90
120
150
180
210
240
270
IOUT = 100 mA,
VIN = VOUT + 1 V
VOUT = 5.0 V
3.3 V
3.3 V
1.5 V
2.5 V
FREQUENCY (Hz)
Figure 19. Noise Density vs. Frequency
(Vout = 1.5 V)
Figure 20. Noise Density vs. Frequency
(Vout = 2.5 V)
FREQUENCY (Hz)
100,000
10,000
1000
100
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VN = 19 mVRMS
VIN = 2.5 V,
VOUT = 1.5 V,
CIN = COUT = 1 mF,
IOUT = 10 mA,
TA = 25°C
100,000
10,000
1000
100
10
0
0.5
1.0
1.5
2.0
2.5
3.0
VN = 35 mVRMS
VIN = 3.5 V,
VOUT = 2.5 V,
CIN = COUT = 1 mF,
IOUT = 10 mA,
TA = 25°C


Similar Part No. - NCP690MN15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP690MN15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com