Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV571 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV571
Description  150 mA CMOS Low Iq Low Output Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV571 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV571 Datasheet HTML 1Page - ON Semiconductor NCV571 Datasheet HTML 2Page - ON Semiconductor NCV571 Datasheet HTML 3Page - ON Semiconductor NCV571 Datasheet HTML 4Page - ON Semiconductor NCV571 Datasheet HTML 5Page - ON Semiconductor NCV571 Datasheet HTML 6Page - ON Semiconductor NCV571 Datasheet HTML 7Page - ON Semiconductor NCV571 Datasheet HTML 8Page - ON Semiconductor NCV571 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 5
1
Publication Order Number:
NCP571/D
NCP571, NCV571
150 mA CMOS Low Iq Low
Output Voltage Regulator
The NCP571 series of fixed output low dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent current. The
NCP571 series features an ultra−low quiescent current of 4.0
mA.
Each device contains a voltage reference unit, an error amplifier, a
PMOS power transistor, resistors for setting output voltage, current
limit, and temperature limit protection circuits.
The NCP571 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 0.1
mF. The
device is housed in the TSOP−5 or DFN6 surface mount package.
Standard voltage versions are 0.8 V, 0.9 V, 1.0 V and 1.2 V.
Features
Low Quiescent Current of 4.0 mA Typical
Maximum Operating Voltage of 12 V
Low Output Voltage Option down to 0.8 V
High Accuracy Output Voltage of 3.0%
Industrial Temperature Range of −40°C to +85°C
(NCV571, TA = −40
°C to +125°C)
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Driver w/
Current
Limit
Vin
Vout
Thermal
Shutdown
Enable
GND
OFF
ON
1
3
5
2
+
Figure 1. Representative Block Diagram
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
TSOP−5
SN SUFFIX
CASE 483
MARKING DIAGRAMS
XXX
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
1
5
http://onsemi.com
XXXAYW
G
G
(Note: Microdot may be in either location)
1
6
DFN6
MN SUFFIX
CASE 506BA
XX M
G
G
1


Similar Part No. - NCV571

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV571 ONSEMI-NCV571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
NCV57152 ONSEMI-NCV57152 Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCV57152DSADJR4G ONSEMI-NCV57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCV57152MNADJTYG ONSEMI-NCV57152MNADJTYG Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCV571MN08TBG ONSEMI-NCV571MN08TBG Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCV571

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com