Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDF8599A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8599A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDF8599A_15 Datasheet HTML 14Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 15Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 16Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 17Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 18Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 19Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 20Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 21Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
TDF8599A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 2 May 2013
18 of 55
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
Pin DIAG goes LOW when a short circuit to one of the amplifier outputs occurs. The
microprocessor reads the failure information using the I2C-bus. The I2C-bus bits are set
for a short circuit. These bits can be reset with the I2C-bus read command.
Even after the short has been removed, the microprocessor knows what was wrong after
reading the I2C-bus. Old information is read when a single I2C-bus read command is
used. To read the current information, two read commands must be sent, one after
another.
When selected, pin DIAG gives the current diagnostic information. Pin DIAG is released
instantly when the failure is removed, independent of the I2C-bus latches.
When OCP is triggered, the open-drain DIAG output is activated. The diagnostic output
signal during different short circuit conditions is illustrated in Figure 15.
8.6.2 Load identification (I2C-bus mode only)
8.6.2.1
DC load detection
DC load detection is only available in I2C-bus mode and is controlled using bit IB2[D2].
The default setting is logic 0 for bit IB2[D2] which disables DC load detection. DC load
detection is enabled when bit IB2[D2] = 1. Load detection takes place before the class-D
amplifier output stage starts switching in Mute mode and the start-up time from Standby
mode to Mute mode is increased by tdet(DCload) (see Figure 16).
Table 11.
Available data on pins DIAG and CLIP
Diagnostic
I2C-bus mode
Non-I2C-bus mode
Pin DIAG
Pin CLIP
Pin DIAG
Pin CLIP
Power-on reset
yes
yes
yes
yes
UVP or OVP
yes
no
yes
no
Clip detection
no
selectable
no
yes
Temperature pre-warning
no
selectable
no
yes
OCP/WP
yes
no
yes
no
DCP
selectable
no
yes
no
OTP
yes
no
yes
no
Fig 15. Diagnostic output for short circuit conditions
001aai786
AMPLIFIER
RESTART
shorted load
pull up V
AGND = 0 V
≈50 ms
≈50 ms
≈50 ms
NO
RESTART
short to GND or VP line


Similar Part No. - TDF8599A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599ATH NXP-TDF8599ATH Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
More results

Similar Description - TDF8599A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com