Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8950 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8950_15 Datasheet HTML 2Page - NXP Semiconductors TDA8950_15 Datasheet HTML 3Page - NXP Semiconductors TDA8950_15 Datasheet HTML 4Page - NXP Semiconductors TDA8950_15 Datasheet HTML 5Page - NXP Semiconductors TDA8950_15 Datasheet HTML 6Page - NXP Semiconductors TDA8950_15 Datasheet HTML 7Page - NXP Semiconductors TDA8950_15 Datasheet HTML 8Page - NXP Semiconductors TDA8950_15 Datasheet HTML 9Page - NXP Semiconductors TDA8950_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
6 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
The TDA8950 single-chip Class D amplifier contains high-power switches, drivers, timing
and handshaking between the power switches, along with some control logic. To ensure
maximum system robustness, an advanced protection strategy has been implemented to
provide overvoltage, overtemperature and overcurrent protection.
Each of the two audio channels contains a PWM modulator, an analog feedback loop and
a differential input stage. The TDA8950 also contains circuits common to both channels
such as the oscillator, all reference sources, the mode interface and a digital timing
manager.
The two independent amplifier channels feature high output power, high efficiency, low
distortion and low quiescent currents, and can be connected in the following
configurations:
Stereo Single-Ended (SE)
Mono Bridge-Tied Load (BTL)
The amplifier system can be switched to one of three operating modes using pin MODE:
Standby mode: featuring very low quiescent current
Mute mode: the amplifier is operational but the audio signal at the output is
suppressed by disabling the voltage-to-current (VI converter) input stages
Operating mode: the amplifier is fully operational, de-muted and can deliver an output
signal
A slowly rising voltage should be applied (e.g. via an RC network) to pin MODE to ensure
pop noise-free start-up. The bias-current setting of the (VI converter) input stages is
related to the voltage on the MODE pin.
In Mute mode, the bias-current setting of the VI converters is zero (VI converters are
disabled). In Operating mode, the bias current is at a maximum. The time constant
required to apply the DC output offset voltage gradually between Mute and Operating
mode levels can be generated using an RC network connected to pin MODE. An example
of a switching circuit for driving pin MODE is illustrated in Figure 4. If the capacitor was
omitted, the very short switching time constant could result in audible pop noises being
generated at start-up (depending on the DC output offset voltage and loudspeaker used).
Fig 4.
Example of mode selection circuit
010aaa552
SGND
mode control
mute/
operating
10
µF
5.6 k
+5 V
470
standby/
operating
S2
S1
5.6 k


Similar Part No. - TDA8950_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950J NXP-TDA8950J Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950J PHILIPS-TDA8950J Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950TH NXP-TDA8950TH Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950TH PHILIPS-TDA8950TH Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8950_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com