Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8932B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8932B Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8932B_15 Datasheet HTML 1Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 2Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 3Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 4Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 5Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 6Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 7Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 8Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
2 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
4.
Quick reference data
[1]
Output power is measured indirectly; based on RDSon measurement.
[2]
Two layer application board (55 mm
× 45 mm), 35 µm copper, FR4 base material in free air with natural
convection.
5.
Ordering information
Table 1.
Quick reference data
VP = 22 V; fosc = 320 kHz; Tamb =25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VP
supply voltage
asymmetrical supply
10
22
36
V
IP
supply current
Sleep mode
-
145
195
µA
Iq(tot)
total quiescent
current
Operating mode; no load, no
snubbers and no filter
connected
-
4050mA
Stereo SE channel; Rs < 0.1 Ω[1]
Po(RMS)
RMS output power
continuous time output power
per channel;
THD+N = 10 %; fi = 1 kHz
RL =4 Ω; VP = 22 V
13.8
15.3
-
W
RL =8 Ω; VP = 30 V
14.0
15.5
-
W
short time output power per
channel; THD+N = 10 %;
fi = 1 kHz
[2]
RL =4 Ω; VP = 29 V
23.8
26.5
-
W
Mono BTL; Rs < 0.1 Ω[1]
Po(RMS)
RMS output power
continuous time output power;
THD+N = 10 %; fi = 1 kHz
RL =4 Ω; VP = 12 V
15.5
17.2
-
W
RL =8 Ω; VP = 22 V
28.9
32.1
-
W
short time output power;
THD+N = 10 %; fi = 1 kHz
[2]
RL =8 Ω; VP = 29 V
49.5
55.0
-
W
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8932BT
SO32
plastic small outline package; 32 leads;
body width 7.5 mm
SOT287-1
TDA8932BTW HTSSOP32 plastic thermal enhanced thin shrink small outline
package; 32 leads; body width 6.1 mm; lead pitch
0.65 mm; exposed die pad
SOT549-1


Similar Part No. - TDA8932B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BTW NXP-TDA8932BTW Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8932B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com