Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8595 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8595
Description  I2C-bus controlled 4 ??45 W power amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8595 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8595_15 Datasheet HTML 2Page - NXP Semiconductors TDA8595_15 Datasheet HTML 3Page - NXP Semiconductors TDA8595_15 Datasheet HTML 4Page - NXP Semiconductors TDA8595_15 Datasheet HTML 5Page - NXP Semiconductors TDA8595_15 Datasheet HTML 6Page - NXP Semiconductors TDA8595_15 Datasheet HTML 7Page - NXP Semiconductors TDA8595_15 Datasheet HTML 8Page - NXP Semiconductors TDA8595_15 Datasheet HTML 9Page - NXP Semiconductors TDA8595_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TDA8595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 11 June 2013
6 of 51
NXP Semiconductors
TDA8595
I2C-bus controlled 4
 45 W power amplifier
[1]
To keep the output pins on the front side, special reverse bending is applied.
7.
Functional description
The TDA8595 is a complementary quad BTL audio power amplifier made in BCDMOS
technology. It contains four independent amplifiers in BTL configuration (see Figure 1).
Through the I2C-bus, the diagnostic functions of temperature level and clip level are fully
programmable and the information to be shown on the two diagnostic pins can be
selected. The status of each amplifier (output offset, load or no load, short-circuit or
speaker incorrectly connected) can be read separately. The TDA8595 is protected against
overvoltage, short-circuit, over-temperature, open ground and open VP connections.
Three different I2C-bus addresses are selected with an external resistor connected to the
ADSEL pin. If the ADSEL pin is short-circuit to ground, the TDA8595 operates in legacy
mode. In this mode, no I2C-bus is needed and the function of the STB pin will change from
two level (Standby mode and On mode) to a three level pin (Standby mode, On mode and
mute).
n.c.
-
10
not connected
IN4
15
11
channel 4 input
IN3
16
12
channel 3 input
ACGND
17
13
AC ground input
OUT3+
18
14
positive channel 3 output
n.c.
-
15
not connected
PGND3
19
16
power ground channel 3
OUT3
20
17
negative channel 3 output
n.c.
-
18 and 19
not connected
VP1
21
20 and 21
supply voltage 1
OUT4+
22
25
positive channel 4 output
SCL
2322I2C-bus clock input
OUT4
24
23
negative channel 4 output
PGND4
25
24
power ground channel 4
SDA
2626I2C-bus data input/output
n.c.
-
27
not connected
TAB
27
36
heatsink connection; must be connected to
ground
Table 3.
Pin description …continued
Symbol
Pin
Description
TDA8595J
TDA8595SD[1]
TDA8595TH


Similar Part No. - TDA8595_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595J NXP-TDA8595J Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8595SD NXP-TDA8595SD Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8595TH NXP-TDA8595TH Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results

Similar Description - TDA8595_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
TPA0172 TI-TPA0172_15 Datasheet
957Kb / 36P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com