Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7056AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA7056AT
Description  3 W mono BTL audio amplifier with DC volume control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7056AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA7056AT_15 Datasheet HTML 2Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 3Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 4Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 5Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 6Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 7Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 8Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 9Page - NXP Semiconductors TDA7056AT_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1998 Feb 23
6
NXP Semiconductors
Product specification
3 W mono BTL audio amplifier with DC
volume control
TDA7056AT
CHARACTERISTICS
VP =12V; VDC = 1.4 V; f = 1 kHz; RL =16 Ω; Tamb =25 °C; unless otherwise specified (see Fig.14).
Notes
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being
equal to the DC output offset voltage divided by RL.
2. The noise output voltage (Vn(o)(rms)) at f = 500 kHz, is measured with Rs =0 Ω and B = 5 kHz.
3. The ripple rejection is measured with Rs =0 Ω and f = 100 Hz to 10 kHz. The ripple voltage (Vripple =200 mV RMS)
is applied to the positive supply rail.
4. The noise output voltage (Vn(o)(rms)) is measured with Rs =5kΩ unweighted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
4.5
18
V
Iq(tot)
total quiescent current
RL = ∞; note 1
816
mA
Maximum gain (V7 =1.4 V)
Po
output power
THD = 10%; RL =16 Ω
33.5
W
THD
total harmonic distortion
Po =0.5 W
0.3
1
%
Gv(max)
maximum total voltage gain
34.5
35.5
36.5
dB
Vi(rms)
input signal handling (RMS value)
VVC =0.8 V; THD < 1%
0.5
0.65
V
Vn(o)(rms)
noise output voltage (RMS value)
f = 500 kHz; note 2
210
−μV
B
bandwidth
at
−1dB
0.02 to 300
kHz
SVRR
supply voltage ripple rejection
note 3
38
46
dB
⎪ΔV
OS
DC output offset voltage
⎪V
17 − v14⎪−
0
150
mV
Zi
input impedance (pin 3)
15
20
25
k
Ω
Minimum gain (V7 =0.5 V)
Gv
voltage gain
−−44
dB
Vo(n)(rms)
noise output voltage (RMS value)
note 4
20
30
μV
Mute position
Vo(mute)
output voltage in mute position
VVC ≤ 0.3 V;
VI = 600 mV; note 4
35
45
μV
DC volume control
ΔG
v
voltage gain control range
75
80
dB
IVC
control current
VVC =0 V
60
70
80
μA


Similar Part No. - TDA7056AT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
More results

Similar Description - TDA7056AT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com