Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1566 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA1566
Description  I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1566 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA1566_15 Datasheet HTML 13Page - NXP Semiconductors TDA1566_15 Datasheet HTML 14Page - NXP Semiconductors TDA1566_15 Datasheet HTML 15Page - NXP Semiconductors TDA1566_15 Datasheet HTML 16Page - NXP Semiconductors TDA1566_15 Datasheet HTML 17Page - NXP Semiconductors TDA1566_15 Datasheet HTML 18Page - NXP Semiconductors TDA1566_15 Datasheet HTML 19Page - NXP Semiconductors TDA1566_15 Datasheet HTML 20Page - NXP Semiconductors TDA1566_15 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
TDA1566_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
17 of 46
NXP Semiconductors
TDA1566
I2C-bus controlled dual channel/single channel amplifier
6.5 Timing waveforms
6.5.1 Start-up and shutdown
To prevent switch-on or switch-off pop noise, the capacitor on the SVR pin CSVR is used
for smooth start-up and shutdown. During start-up and shutdown the output voltage tracks
the SVR voltage. With IB1[D7] = 0 the time constant made with the SVR capacitor can be
increased to reduce turn on transients at the load. Consequently the start-up time
td(mute_off) increases with approximately 420 ms (VP = 14.4 V, CSVR =22 µF, Tamb =25 °C).
Note that in non-I2C-bus mode the IB1[D7] = 0 setting will be used.
Increasing CSVR results in a longer start-up and shutdown time. Note that a larger SVR
capacitor value will also result in a longer DC load detection cycle.
Table 19.
Data bytes
Bit
Data byte DB1 channel 1
Data byte DB2 channel 2
Data byte DB3 both
channels
D7
0
no AC load detected
0
no AC load detected
0
TDA1566 in mute or
operating
(IB1[D0] = 1)
1
AC load detected
1
AC load detected
1
power-on reset has
occurred or TDA1566
in standby
(IB1[D0] = 0)
D6
0
no speaker fault
0
no speaker fault
0
below maximum
temperature
1
speaker fault
1
speaker fault
1
maximum
temperature
protection activated
D5
0
amplifier load (D4 = 0) 0
amplifier load (D4 = 0) 0
no temperature
warning
not valid (D4 = 1)
not valid (D4 = 1)
1
line driver load
(D4=0)
1
line driver load
(D4=0)
1
temperature
pre-warning active
open load (D4 = 1)
open load (D4 = 1)
D4
0
amplifier load (D5 = 0) 0
amplifier load (D5 = 0) 0
SVR below VP /2
line driver load
(D5=1)
line driver load
(D5=1)
1
not valid (D5 = 0)
1
not valid (D5 = 0)
1
SVR above VP /2
open load (D5 = 1)
open load (D5 = 1)
D3
0
no shorted load
0
no shorted load
0
invalid DC load data
1
shorted load
1
shorted load
1
valid DC load data
D2
0
no output offset
0
no output offset
reserved for test
1
output offset detected
1
output offset detected
D1
0
no short to VP
0
no short to VP
reserved for test
1
short to VP
1
short to VP
D0
0
no short to ground
0
no short to ground
reserved for test
1
short to ground
1
short to ground


Similar Part No. - TDA1566_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1566J NXP-TDA1566J Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDA1566TH NXP-TDA1566TH Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
More results

Similar Description - TDA1566_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com