Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1566 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA1566
Description  I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1566 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA1566_15 Datasheet HTML 32Page - NXP Semiconductors TDA1566_15 Datasheet HTML 33Page - NXP Semiconductors TDA1566_15 Datasheet HTML 34Page - NXP Semiconductors TDA1566_15 Datasheet HTML 35Page - NXP Semiconductors TDA1566_15 Datasheet HTML 36Page - NXP Semiconductors TDA1566_15 Datasheet HTML 37Page - NXP Semiconductors TDA1566_15 Datasheet HTML 38Page - NXP Semiconductors TDA1566_15 Datasheet HTML 39Page - NXP Semiconductors TDA1566_15 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
TDA1566_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
36 of 46
NXP Semiconductors
TDA1566
I2C-bus controlled dual channel/single channel amplifier
(1) The 220 nF capacitor should be placed close to the VP and PGND pins of the IC.
(2) In non-I2C-bus mode the PROG pin should be left unconnected for 26 dB gain selection or connected via a resistor of
1500
Ω to GND for 16 dB gain selection.
(3) CLIP is not available in the DBS27P version.
(4) In non-I2C-bus mode (ADS1 pin connected to GND) and balanced input source (ADS2 pin connected to GND) selected.
ADS2 is not available in DBS27P version.
Fig 24. Non-I2C-bus mode (1
Ω mode and 26 dB gain)
001aad017
22
µF
220
nF
2200
µF
10 k
10 k
470 nF
C
C
0.5Rs
0.5Vin
0.5Vin
470 nF
0.5Rs
470 nF
C
C
Vcm
VP
470 nF
I2C-BUS
TDA1566TH
ADS1
SDA
SCL
VP1
VP2
ADS2
EN
96514
23
(2)
(4)
(1)
(3)
8
7
IN1+
IN1
10
11
IN2+ 2
IN2
− 3
26 dB/
16 dB
VP
+5 V
STAND-BY
/MUTE
SELECT DIAGNOSTIC
/CLIP DETECT
PROTECTION
/DIAGNOSTIC
4
SVR
SGND
PGND1
PGND2
12
17
20
TAB
24
1OHM
15
21 OUT2
OUT2+
19
18 OUT1
OUT1+
16
PROG
22
CLIP
13
DIAG
1
MUTE
MUTE
26 dB/
16 dB
PROTECTION
/DIAGNOSTIC
MUTE
MUTE
RL
1
10 k
connected to VP


Similar Part No. - TDA1566_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1566J NXP-TDA1566J Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDA1566TH NXP-TDA1566TH Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
More results

Similar Description - TDA1566_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com