Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58631 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA58631
Description  3 W BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58631 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA58631_15 Datasheet HTML 1Page - NXP Semiconductors SA58631_15 Datasheet HTML 2Page - NXP Semiconductors SA58631_15 Datasheet HTML 3Page - NXP Semiconductors SA58631_15 Datasheet HTML 4Page - NXP Semiconductors SA58631_15 Datasheet HTML 5Page - NXP Semiconductors SA58631_15 Datasheet HTML 6Page - NXP Semiconductors SA58631_15 Datasheet HTML 7Page - NXP Semiconductors SA58631_15 Datasheet HTML 8Page - NXP Semiconductors SA58631_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SA58631_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 12 October 2007
2 of 21
NXP Semiconductors
SA58631
3 W BTL audio amplifier
4.
Quick reference data
[1]
With a load connected at the outputs the quiescent current will increase, the maximum of this increase
being equal to the DC output offset voltage divided by RL.
[2]
Supply voltage ripple rejection is measured at the output with a source impedance of Rs =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is
applied to the positive supply rail.
[3]
Supply voltage ripple rejection is measured at the output, with a source impedance of Rs =0 Ω at the input.
The ripple voltage is a sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of
100 mV (RMS), which is applied to the positive supply rail.
5.
Ordering information
Table 1.
Quick reference data
VCC =5V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; measured in test circuit Figure 3; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating
2.2
9
18
V
Iq
quiescent current
RL = ∞Ω
[1] -
8
12
mA
Istb
standby current
VMODE =VCC
--10
µA
Po
output power
THD+N = 10 %
1
1.2
-
W
THD+N = 0.5 %
0.6
0.9
-
W
THD+N = 10 %;
VCC =9V
-
3.0
-
W
THD+N
total harmonic distortion-plus-noise Po = 0.5 W
-
0.15
0.3
%
PSRR
power supply rejection ratio
[2] 50
--dB
[3] 40
--dB
Table 2.
Ordering information
Type
number
Package
Name
Description
Version
SA58631TK
HVSON8
plastic thermal enhanced very thin small outline package;
no leads; 8 terminals; body 4 x 4 x 0.85 mm
SOT909-1


Similar Part No. - SA58631_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631TK PHILIPS-SA58631TK Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631TK NXP-SA58631TK Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
More results

Similar Description - SA58631_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com