Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE20S0014 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE20S0014
Description  High Power Handling Capability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20S0014 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE20S0014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20S0014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20S0014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20S0014 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20S0014 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE20S0014 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE20S0014 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE20S0014 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TECHNICAL DATA SHEET
Size
Length
4.88 in [123.95 mm]
Width
3.9 in [99.06 mm]
Height
1.17 in [29.72 mm]
.
Connectors
Description
Input Connector
Output Connectors
Connector Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE20S0014
PE20S0014 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4 Way High Power Broadband Combiner From 1 GHz to 6 GHz Rated at 100 Watts, SMA
PE20S0014
4 Way High Power Broadband Combiner From
1 GHz to 6 GHz Rated at 100 Watts, SMA


Similar Part No. - PE20S0014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0012 PASTERNACK-PE20S0012 Datasheet
465Kb / 6P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
PE20S0015 PASTERNACK-PE20S0015 Datasheet
561Kb / 7P
   High Power Handling Capability
More results

Similar Description - PE20S0014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
PE20S0003 PASTERNACK-PE20S0003 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0005 PASTERNACK-PE20S0005 Datasheet
675Kb / 8P
   High Power Handling Capability
PE20S0017 PASTERNACK-PE20S0017 Datasheet
545Kb / 7P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com