Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP130 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP130
Description  300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP130 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP130 Datasheet HTML 1Page - ON Semiconductor NCP130 Datasheet HTML 2Page - ON Semiconductor NCP130 Datasheet HTML 3Page - ON Semiconductor NCP130 Datasheet HTML 4Page - ON Semiconductor NCP130 Datasheet HTML 5Page - ON Semiconductor NCP130 Datasheet HTML 6Page - ON Semiconductor NCP130 Datasheet HTML 7Page - ON Semiconductor NCP130 Datasheet HTML 8Page - ON Semiconductor NCP130 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP130
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TJ ≤ 85°C; VBIAS = 2.7 V or (VOUT + 1.6 V), whichever is greater, VIN = VOUT(NOM) + 0.3 V, IOUT = 1 mA, VEN = 1 V, unless
otherwise noted. CIN = 1 mF, CBIAS = 0.1 mF, COUT = 1 mF (effective capacitance) (Note 3). Typical values are at TJ = +25°C. Min/Max
values are for −40
°C ≤ TJ ≤ 85°C unless otherwise noted. (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input
Voltage Range
VIN
VOUT+VDO
5.5
V
Operating Bias Voltage
Range
VBIAS
(VOUT+1.35)
≥2.4
5.5
V
Undervoltage Lock−out VBIAS Rising
Hysteresis
UVLO
1.6
0.2
V
Output Voltage
Accuracy
−40
°C ≤ TJ ≤ 85°C, VOUT(NOM) + 0.3 V ≤ VIN
5.0 V, 2.7 V or (VOUT(NOM) + 1.6 V), whichever is
greater < VBIAS < 5.5 V, 1 mA < IOUT < 300 mA
VOUT
−1.5
+1.5
%
Output Voltage
Accuracy
VOUT
±0.5
%
VIN Line Regulation
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0 V
LineReg
0.01
%/V
VBIAS Line Regulation
2.7 V or (VOUT(NOM) + 1.6 V), whichever is
greater < VBIAS < 5.5 V
LineReg
0.01
%/V
Load Regulation
IOUT = 1 mA to 300 mA
LoadReg
1.5
mV
VIN Dropout Voltage
IOUT = 300 mA (Note 5)
VDO
75
150
mV
VBIAS Dropout Voltage
IOUT = 300 mA, VIN = VBIAS (Note 5)
VDO
1.1
1.4
V
Output Current Limit
VOUT = 90% VOUT(NOM)
ICL
400
550
850
mA
Bias Pin Operating
Current
VBIAS = 2.7 V
IBIAS
80
110
mA
Bias Pin Disable
Current
VEN ≤ 0.4 V
IBIAS(DIS)
0.5
1
mA
Vinput Pin Disable
Current
VEN ≤ 0.4 V
IVIN(DIS)
0.5
1
mA
EN Pin Threshold
Voltage
EN Input Voltage “H”
VEN(H)
0.9
V
EN Input Voltage “L”
VEN(L)
0.4
EN Pull Down Current
VEN = 5.5 V
IEN
0.3
1.0
mA
Turn−On Time
COUT = 1 mF, From assertion of VEN to
VOUT = 98% VOUT(NOM), VOUT(NOM) = 1.05 V
tON
150
ms
Power Supply
Rejection Ratio
VIN to VOUT, f = 1 kHz, IOUT = 300 mA,
VIN
≥ VOUT +0.5 V
PSRR(VIN)
65
dB
VBIAS to VOUT, f = 1 kHz, IOUT = 300 mA,
VIN
≥ VOUT +0.5 V
PSRR(VBIAS)
80
dB
Output Noise Voltage
VIN = VOUT +0.5 V, VOUT(NOM) = 1.05 V,
f = 10 Hz to 100 kHz
VN
40
mVRMS
Thermal Shutdown
Threshold
Temperature increasing
160
°C
Temperature decreasing
140
Output Discharge
Pull−Down
VEN ≤ 0.4 V, VOUT = 0.5 V,
NCP130A options only
RDISCH
150
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Effective capacitance, including the effect of DC bias, tolerance and temperature. See the Application Information section for more
information.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at TA = 25°C.
Low duty cycle pulse techniques are used during the testing to maintain the junction temperature as close to ambient as possible.
5. Dropout voltage is characterized when VOUT falls 3% below VOUT(NOM).


Similar Part No. - NCP130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCP1308 ONSEMI-NCP1308 Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
NCP1308 ONSEMI-NCP1308 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1308 ONSEMI-NCP1308 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1308DR2G ONSEMI-NCP1308DR2G Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
More results

Similar Description - NCP130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com