Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE20S0002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE20S0002
Description  High Power Handling Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20S0002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE20S0002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20S0002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20S0002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20S0002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20S0002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE20S0002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE20S0002 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TECHNICAL DATA SHEET
PE20S0002 is a passive 4 way High Power Broadband RF Combiner with 50 ohm SMA connectors operating from 20 to 1000
MHz, with a max input power at 200 watts. The PE20S0002 has greater than 15 dB typical isolation, less than 0.75 dB typical
low insertion loss and a Max VSWR of 1.30:1; along with a phase balance of ±5 degrees and an amplitude balance of ±0.25
dB. The RF Combiner operates in a temperature range from -55°C to 85°C, with a foot print of 3”x4”x1.12”.
Features
• 20 to 1000 MHz Frequency
• 200 watt max power
• Insertion Loss: < 0.75 dB
• Phase Balance: ±5 degrees
• Amplitude Balance: ±0.25 dB
• Isolation: >15 dB
• High Power Handling Capability
Applications
• Communications Systems
• Power Combining
• PCS,GSM,LTE, Cellular
Amplifier Systems
Amplifier Power Combining
• Wireless Infrastructures
• Defence Applications
Configuration
Input Connectors
SMA Female
Output Connector
SMA Female
Frequency Range
20 to 1,000 MHz
Design
Reactive
Number of Input Ports
4
Housing Material and Plating
Aluminum Alloy
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
20
1,000
MHz
Impedance
50
Ohms
Insertion Loss
0.75
dB
Input Power
200
Watts
Output VSWR
1.3:1
Isolation
12
dB
Phase Balance
± 5
Degrees
Flatness
±0.25
dB
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
20 to 125
125 to 1,000
MHz
Isolation
12
15
dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4 Way High Power Broadband Combiner From 20 MHz to 1,000 MHz Rated at 200 Watts,
SMA PE20S0002
PE20S0002
PE20S0002 REV 1.0
4 Way High Power Broadband Combiner From
20 MHz to 1,000 MHz Rated at 200 Watts, SMA


Similar Part No. - PE20S0002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0001 PASTERNACK-PE20S0001 Datasheet
545Kb / 7P
   High Power Handling Capability
PE20S0003 PASTERNACK-PE20S0003 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0004 PASTERNACK-PE20S0004 Datasheet
461Kb / 6P
   High Power Handling Capability
PE20S0005 PASTERNACK-PE20S0005 Datasheet
675Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
More results

Similar Description - PE20S0002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
PE20S0003 PASTERNACK-PE20S0003 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0005 PASTERNACK-PE20S0005 Datasheet
675Kb / 8P
   High Power Handling Capability
PE20S0017 PASTERNACK-PE20S0017 Datasheet
545Kb / 7P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com