Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMB-A31-H8100A1 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SIMB-A31-H8100A1
Description  Intel짰 Core??i7/i5/i3 LGA1150 ATX with VGA/DVI, 6 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-A31-H8100A1 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SIMB-A31-H8100A1 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-A31-H8100A1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SIMB-A31
Packing List
Description
Quantity
SATA Cable Kit (DATA/POWER)
1
I/O port bracket
1
Startup manual
1
I/O View
Optional Accessories
Part Number
Description
1700002204
USB cable with dual ports, 27 cm
1960053207N001
LGA1150 CPU cooler for CPU TDP 65W,
92.9 (W) x 92.9 (L) x 46 (H) mm
1960060732N001
LGA1150 CPU cooler for CPU TDP 45W,
80 (W) x 80 (L) x 32.2 (H) mm
1700000447
1-to-4 serial ports cable kit, 45cm
1701400181
1-to-4 serial ports cable kit, 18cm
Riser Card
Part Number
Description
AIMB-RP10P-01A1E
1U riser card with 1 PCI expansion
AIMB-RP3PF-21A1E
2U riser card with 1 PCIe x16 and 2 PCI expansion
AIMB-RF10F-01A1E
1U riser card with 1 PCIe x16 expansion
Ordering Information
Part Number
PCH
Memory
VGA
DVI
USB
3.0/2.0
COM
SIM Card Holder LAN
PCIe x 16
PCIe x 1
PCI
AMP
SIMB-A31-H8100A1E
H81
Non ECC
1
1
2/7
6
1
2
1
2
3
(1)
*() BOM options available on MP version.
Intel Core i7/i5/i3/
Pentium processor
H81
DVI
PCIex16 (Gen3)
DDR3/DDR3L 1333/1600 MHz DIMM
DVI-D
VGA
CRT
USB 3.0
2 USB 3.0
USB 2.0
7 USB 2.0
SATA III
(Optional)
2 x SATA III
SATA II
1 x SATA II
SATA II/USB
PCIe x 1
Mini-PCIe 1 with SIM Card Holder
PCIex16 (Gen3)
Channel A
DDR3/DDR3L 1333/1600 MHz DIMM
Channel B
2 PCIe x 1
PCIe x 1
3 PCI
PCIe x 1
PCIe to PCI bridge ITE IT8892E
LPC
GbE LAN1:
Realtek 8111G
PCIe x1
Super I/O
Nuvoton NCT6776D
2 x COM, 2 x PS/2,
1 x LPT,WDT, 8GPIO
SLB9635
TPM 1.2
(optional)
SPI
64Mb
BIOS
Audio Codec
Realtek ALC662
Fintek
F81216HD
4 x COM, 2 RS-232,
2 RS-232 with 5V/12V
GbE LAN2:
Realtek 8111G
PCIe x1


Similar Part No. - SIMB-A31-H8100A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SIMB-A01 ADVANTECH-SIMB-A01 Datasheet
808Kb / 2P
   Intel짰 LGA775 Core?? Quad / Core?? Duo ATX with VGA, 4 COM and Dual LAN
SIMB-A01-6G200A1E ADVANTECH-SIMB-A01-6G200A1E Datasheet
808Kb / 2P
   Intel짰 LGA775 Core?? Quad / Core?? Duo ATX with VGA, 4 COM and Dual LAN
SIMB-A01-6G200A1E ADVANTECH-SIMB-A01-6G200A1E Datasheet
417Kb / 2P
   Intel짰 LGA775 Core?? Quad / Core?? Duo ATX with VGA, 4 COM and Dual LAN
SIMB-A01 ADVANTECH-SIMB-A01_14 Datasheet
417Kb / 2P
   Intel짰 LGA775 Core?? Quad / Core?? Duo ATX with VGA, 4 COM and Dual LAN
SIMB-A21 ADVANTECH-SIMB-A21 Datasheet
321Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
More results

Similar Description - SIMB-A31-H8100A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-503 ADVANTECH-AIMB-503_14 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1150 MicroATX with CRT/DP/DVI/LVDS, 10 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
SIMB-A21 ADVANTECH-SIMB-A21 Datasheet
321Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
PCA-6028VG-00A1E ADVANTECH-PCA-6028VG-00A1E Datasheet
1Mb / 2P
   LGA1150 Intel짰 Core??i7/i5/i3/Pentium SBC with VGA/DVI/Dual GbE LAN
AIMB-701 ADVANTECH-AIMB-701 Datasheet
486Kb / 2P
   LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual GbE LAN
AIMB-501CW ADVANTECH-AIMB-501CW_14 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with Triple CRT, 10 COM, 4 USB 3.0, 6 USB 2.0, Dual LAN
AIMB-780 ADVANTECH-AIMB-780_12 Datasheet
2Mb / 2P
   LGA1156 Intel짰 Core??i7/i5/i3/Pentium짰/Xeon짰 ATX with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-580 ADVANTECH-AIMB-580 Datasheet
756Kb / 2P
   Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
20-Jan-2010
AIMB-501VG-KSA1E ADVANTECH-AIMB-501VG-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501_14 Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
   LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com