Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB-4220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RSB-4220
Description  TI Sitara AM3352 Cotrex A8 3.5" Single board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RSB-4220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RSB-4220_15 Datasheet HTML 1Page - Advantech Co., Ltd. RSB-4220_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Solutions
Features
ƒ TI Sitara AM3352 Cortex A8 1.0GHz
ƒ On-board DDR3 800MHz 512MB & 4MB SPI NOR Flash & 4GB eMMC NAND
Flash
ƒ Support 4GPI / 4GPO w/ESD & isolation
ƒ 6x UART w/ESD protection (Contact 4KV / Air 8KV)
ƒ Support 2x Gigabit Ethernet ports and 1x Mini PCIe socket
ƒ Supports Linux Kernel V3.2.0
ƒ Operation temperature 0 ~ 60° C / -40 ~ 85° C
ƒ Support 18bit LVDS resolution up to 1366 x 768
ƒ HW WTD for system protection
RSB-4220
TI Sitara AM3352 Cotrex A8
3.5" Single board
Introduction
RSB-4220 series are the RISC SBC which integrated TI Sitara AM3352 Cortex-A8 processor. It offers 2x gigabit Ethernets, 6x serials port, 4x GPI and 4x GPO. For the industrial
application, the UART & GPIO feature a rugged ESD and isolatoin protection and it can protect system from unstable power damage. Otherwise, RSB-4220 also has multiple power
input and operation temperature support,even support a single channel 18 bit LVDS up to 1366 x 768 resolution. It is an ideal solution for automation control such as smart grid,
industrial and machinery automation applications.
Specifications
Form Factor
3.5" SBC
Processor System
CPU
TI Sitara AM3352 Cortex A8 1.0GHz
Capacity
On-board DDR3 800MHz 512MB
Flash
4 GB eMMC NAND Flash for O.S. and 4 MB SPI NOR Flash for booting code
Graphics
LVDS
Support 18bit LVDS resolution up to 1366 x 768
Ethernet
Transceiver
RTL 8211
Speed
2 x 10/100/1000 Mbps
WatchDog Timer
MSP430G2202 (time out:1~6553s,default 60s/power on/off 1s)
I/O
USB
USB2.0 HOST /OTG (By jumper selection)
UART
6 (1x 4 wires RS-232/422/485, 5x 2 wires RS-232)
The 6 UART w/ ESD protection (Contact 4KV/ Air 8KV)
CAN
1 x CAN bus version 2.0 A and B
GPIO
4x GPI/4x GPO (w/ESD & isolation, optional)
GPI:
GPO:
ESD protection: Contact 4KV/ Air 8KV
ESD protection: Contact 4KV/ Air 8KV
Isolation: 0 ~ 50Voc input and 10KHz speed
Isolation: 5 ~ 40Voc output and 10KHz speed
(200mA max/chanel sink current)
I2C
1
Button
1x Reset
Expansion
Mini PCIe
1x mini-PCIe socket (USB signal only)
SD Socket
1 x SD slot
Power
Power Supply Voltage
+ 12/19/24 VDC-In
Power Type
Two poles lockable DC-in
Power Consumption
2.8W (Idle)
Environment
Operational Temperature
0 ~ 60° C/ -40 ~ 85° C
Operating Humidity
5%~95% Relative Humidity, non-condensing
Mechanical
Dimensions (W x D x H)
146 x 102 x 1.6 mm
Operating System
Linux kernel v3.2.0
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 30-Jun-2015


Similar Part No. - RSB-4220_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-4220CS-MCA1E ADVANTECH-RSB-4220CS-MCA1E Datasheet
819Kb / 2P
   TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
RSB-4220WS-MCA1E ADVANTECH-RSB-4220WS-MCA1E Datasheet
819Kb / 2P
   TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
   TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com