Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROM-7420CD-MDA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-7420CD-MDA1E
Description  Freescale ARM Cortex-A9 i.MX6 Qseven Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-7420CD-MDA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-7420CD-MDA1E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-7420CD-MDA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
ROM-7420
Ordering Information
Part No.
CPU
Memory Flash
Memory UART LAN
USB
Host
USB
OTG Display
SATA PCIe HDMI SD CANbus I²C SPI Size
Power
Input
Operating
Temperature
ROM-7420CD-MDA1E i.MX6 Dual
1 GHz
1 GB
4 GB
4
1
1
1
2 x 24-bit LVDS
1 x VGA
1
1
1
1
2
3
1
70 x 70 x 5mm 5V
0 ~ 60° C
Development Board
Part No.
Description
ROM-DB7500-SCA1E
Development board for RISC Q7 module
Optional Accessories
Part No.
Description
1700020442-01
Debug Port Cable for ROM-7420
9696ED2000E
Debug Port Adapter for ROM-7420
96PSA-A36W12R1
ADAPTER 100-240V 36W 12V 3A
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Code 3P Europe (WS-010+WS-083)183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
SQF-ISDS1-2G-86E
SQFlash SD card SLC 2G, 1CH (-40 ~ 85° C)
EWM-W142F01E
802.11 b/g/n,AR9287,2T2R,Full size Mini PCIe
1750007050-01
WiFi RP-SMA short SMA Jack(9.5mm) to U.FL_100mm
(WiFi Cable)
1750000318
EMI Antenna 2DBI 2.4GHz SMA CONN for ARK-3384
(WiFi Antenna)
EWM-C106FT01E
Cellular, HSUPA/WCDMA/GPRS,Full Mini PCIe
1750007156-01
Cellular/GPS SMA Short JACK(9.5MM) L=100mm
(3G Cable)
1750005865
Antenna L=10.9cm 50Ohm AN8921F-5701SM
(3G Antenna)
1960061913N001
Heatsink O-Freescale-S-5W 70x63x8-SC
ROM-7420-60
70
64.9
56.5
2.5
Dimensions
Unit: mm
WDT
PCIE0
USB2.0 OTG
USB2.0 Host
GBE
LVDS
HDMI
CANbus x2
I2C x3
UART x4
I2S
1 SDIO
GPIO x8
VGA
JTAG
SATA II
eMMC 4GB
Flash
SPI Flash
DDR3
Memory
SDIO
DDR3
SPI0(CS0)
Transceiver
AR8033
Video DAC
CH7055A
Freescale
i.MX6 Dual
1GHz


Similar Part No. - ROM-7420CD-MDA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
430Kb / 2P
   Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
More results

Similar Description - ROM-7420CD-MDA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 QSeven Module
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
ROM-3420 ADVANTECH-ROM-3420_15 Datasheet
901Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 RTX2.0 Module
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410 ADVANTECH-RSB-4410_15 Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410CD-MDA1E ADVANTECH-RSB-4410CD-MDA1E Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
   NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
ROM-5420 ADVANTECH-ROM-5420_15 Datasheet
564Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SMARC v1.0 Module
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
   NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
UBC-200 ADVANTECH-UBC-200_15 Datasheet
663Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com