Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS60100DMTTBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSS60100DMTTBG
Description  60 V, 1 A, Low VCE(sat) PNP Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS60100DMTTBG Datasheet(HTML) 3 Page - ON Semiconductor

  NSS60100DMTTBG Datasheet HTML 1Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 2Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 3Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 4Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 5Page - ON Semiconductor NSS60100DMTTBG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSS60100DMT
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. DC Current Gain
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
50
100
150
200
300
350
400
10
1
0.1
0.01
0.001
0
50
100
150
200
250
350
400
Figure 3. Collector Current as a Function of
Collector Emitter Voltage
Figure 4. Collector−Emitter Saturation Voltage
VCE, COLLECTOR EMITTER VOLTAGE (V)
IC, COLLECTOR CURRENT (A)
6
5
4
3
2
1
0
0
0.2
0.6
0.8
1.2
1.6
1.8
2.2
10
1
0.1
0.01
0.001
0.01
0.1
1
Figure 5. Collector−Emitter Saturation Voltage
Figure 6. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.01
0.1
1
250
VCE = 2 V
150
°C
100
°C
25
°C
−55
°C
300
VCE = 5 V
150
°C
100
°C
25
°C
−55
°C
0.4
1.0
1.4
2.0
IB = 20 mA
2.0 mA
4.0 mA
6.0 mA
8.0 mA
10 mA
12 mA
14 mA
16 mA
18 mA
IC/IB = 20
150
°C
100
°C
25
°C
−55
°C
IC/IB = 50
150
°C
100
°C
25
°C
−55
°C
IC/IB = 100
150
°C
100
°C
25
°C
−55
°C


Similar Part No. - NSS60100DMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T1G ONSEMI-NSS60101DMR6T1G Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T2G ONSEMI-NSS60101DMR6T2G Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
96Kb / 6P
   NPN Transistors
July, 2016 ??Rev. 2
More results

Similar Description - NSS60100DMTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
   Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
   60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSS60200L ONSEMI-NSS60200L_15 Datasheet
71Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2
NSV60200LT1G ONSEMI-NSV60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com