Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS35200MR6T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSS35200MR6T1G
Description  35 V, 5 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS35200MR6T1G Datasheet(HTML) 6 Page - ON Semiconductor

  NSS35200MR6T1G_13 Datasheet HTML 1Page - ON Semiconductor NSS35200MR6T1G_13 Datasheet HTML 2Page - ON Semiconductor NSS35200MR6T1G_13 Datasheet HTML 3Page - ON Semiconductor NSS35200MR6T1G_13 Datasheet HTML 4Page - ON Semiconductor NSS35200MR6T1G_13 Datasheet HTML 5Page - ON Semiconductor NSS35200MR6T1G_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NSS35200MR6T1G
http://onsemi.com
6
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE V
23
4
5
6
D
1
e
b
E1
A1
A
0.05
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM
LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS. MOLD FLASH, PROTRUSIONS, OR
GATE BURRS SHALL NOT EXCEED 0.15 PER SIDE. DIMENSIONS D
AND E1 ARE DETERMINED AT DATUM H.
5. PIN ONE INDICATOR MUST BE LOCATED IN THE INDICATED ZONE.
c
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIM
A
MIN
NOM
MAX
MILLIMETERS
0.90
1.00
1.10
A1
0.01
0.06
0.10
b
0.25
0.38
0.50
c
0.10
0.18
0.26
D
2.90
3.00
3.10
E
2.50
2.75
3.00
e
0.85
0.95
1.05
L
0.20
0.40
0.60
0.25 BSC
L2
0
°
10°
1.30
1.50
1.70
E1
E
RECOMMENDED
NOTE 5
L
C
M
H
L2
SEATING
PLANE
GAUGE
PLANE
DETAIL Z
DETAIL Z
0.60
6X
3.20
0.95
6X
0.95
PITCH
DIMENSIONS: MILLIMETERS
M
STYLE 6:
PIN 1. COLLECTOR
2. COLLECTOR
3. BASE
4. EMITTER
5. COLLECTOR
6. COLLECTOR
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NSS35200MR6/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSS35200MR6T1G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS35200MR6T1G ONSEMI-NSS35200MR6T1G Datasheet
65Kb / 6P
   35 V, 5 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
More results

Similar Description - NSS35200MR6T1G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS35200MR6T1G ONSEMI-NSS35200MR6T1G Datasheet
65Kb / 6P
   35 V, 5 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS35200CF8T1G ONSEMI-NSS35200CF8T1G_06 Datasheet
66Kb / 6P
   35 V, 7 A, Low VCE(sat) PNP Transistor
March, 2006 ??Rev. 5
NSS20300MR6T1G ONSEMI-NSS20300MR6T1G_09 Datasheet
134Kb / 5P
   20 V, 5 A, Low VCE(sat) PNP Transistor
April, 2009 ??Rev. 2
NSS20300MR6T1G ONSEMI-NSS20300MR6T1G_07 Datasheet
62Kb / 5P
   20 V, 5 A, Low VCE(sat) PNP Transistor
February, 2007 ??Rev. 1
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS40400CF8T1G ONSEMI-NSS40400CF8T1G Datasheet
48Kb / 4P
   40 V, 7 A, Low VCE(sat) PNP Transistor
January, 2006 ??Rev. 0
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com