Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS1C300ET4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSS1C300ET4G
Description  100 V, 3.0 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1C300ET4G Datasheet(HTML) 2 Page - ON Semiconductor

  NSS1C300ET4G Datasheet HTML 1Page - ON Semiconductor NSS1C300ET4G Datasheet HTML 2Page - ON Semiconductor NSS1C300ET4G Datasheet HTML 3Page - ON Semiconductor NSS1C300ET4G Datasheet HTML 4Page - ON Semiconductor NSS1C300ET4G Datasheet HTML 5Page - ON Semiconductor NSS1C300ET4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NSS1C300ET4G
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
3.8
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
59.5
°C/W
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−100
Vdc
Collector − Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−140
Vdc
Emitter − Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−6.0
Vdc
Collector Cutoff Current
(VCB = −140 Vdc, IE = 0)
ICBO
−0.1
mAdc
Emitter Cutoff Current
(VEB = −6.0 Vdc)
IEBO
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = −0.1 A, VCE = −2.0 V)
(IC = −0.5 A, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
(IC = −3.0 A, VCE = −2.0 V)
hFE
180
180
120
50
360
Collector − Emitter Saturation Voltage (Note 3)
(IC = −0.1 A, IB = −10 mA)
(IC = −1.0 A, IB = −0.100 A)
(IC = −2.0 A, IB = −0.200 A)
(IC = −3.0 A, IB = −0.300 A)
VCE(sat)
−0.070
−0.150
−0.250
−0.400
V
Base − Emitter Saturation Voltage (Note 3)
(IC = −1.0 A, IB = −0.1 A)
VBE(sat)
−1.0
V
Base − Emitter Turn−on Voltage (Note 3)
(IC = −1.0 A, VCE = −2.0 V)
VBE(on)
−0.900
V
Cutoff Frequency
(IC = −500 mA, VCE = −10 V, f = 100 MHz)
fT
100
MHz
Input Capacitance
(VEB = 5.0 V, f = 1.0 MHz)
Cibo
360
pF
Output Capacitance
(VCB = 10 V, f = 1.0 MHz)
Cobo
60
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle
≤ 2%.


Similar Part No. - NSS1C300ET4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C300ET4G ONSEMI-NSS1C300ET4G Datasheet
119Kb / 6P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
More results

Similar Description - NSS1C300ET4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
NSV1C300ET4G ONSEMI-NSV1C300ET4G Datasheet
119Kb / 6P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
NSS1C201L ONSEMI-NSS1C201L_14 Datasheet
78Kb / 6P
   100 V, 3.0 A, Low VCE(sat) Transistor
December, 2014 ??Rev. 5
NSS20200W6 ONSEMI-NSS20200W6 Datasheet
107Kb / 5P
   20 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2008 ??Rev. 2
NSS1C301ET4G ONSEMI-NSS1C301ET4G_14 Datasheet
116Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
January, 2014 ??Rev. 4
NSS1C201LT1G ONSEMI-NSS1C201LT1G Datasheet
107Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2008 ??Rev. 0
NSS1C301ET4G ONSEMI-NSS1C301ET4G Datasheet
83Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2013 ??Rev. 3
NSV1C300CT ONSEMI-NSV1C300CT Datasheet
292Kb / 7P
   Bipolar Power Transistors 100 V, 3.0 A, Low VCE(sat) PNP Transistor
February, 2021 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4_10 Datasheet
106Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com