Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS1C300ET4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSS1C300ET4G
Description  100 V, 3.0 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1C300ET4G Datasheet(HTML) 3 Page - ON Semiconductor

  NSS1C300ET4G_15 Datasheet HTML 1Page - ON Semiconductor NSS1C300ET4G_15 Datasheet HTML 2Page - ON Semiconductor NSS1C300ET4G_15 Datasheet HTML 3Page - ON Semiconductor NSS1C300ET4G_15 Datasheet HTML 4Page - ON Semiconductor NSS1C300ET4G_15 Datasheet HTML 5Page - ON Semiconductor NSS1C300ET4G_15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSS1C300ET4G
www.onsemi.com
3
TYPICAL CHARACTERISTICS
1000
100
10
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 1. DC Current Gain
VCE = 2 V
150
°C
25
°C
−55
°C
1000
100
10
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 2. DC Current Gain
150
°C
25
°C
−55
°C
VCE = 5 V
0.5
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 3. Collector−Emitter Saturation Voltage
0.4
0.3
0.2
0.1
0
IC/IB = 10
25
°C
−55
°C
150
°C
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 4. Collector−Emitter Saturation Voltage
0.4
0.3
0.2
0.1
0
25
°C
−55
°C
150
°C
1.2
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 5. Base−Emitter Saturation Voltage
1
0.8
0.6
0.4
0.2
0
IC/IB = 10
25
°C
−55
°C
150
°C
1.2
0.01
0.1
1
10
IC, COLLECTOR CURRENT (A)
Figure 6. Base−Emitter Saturation Voltage
1
0.8
0.6
0.4
0.2
0
IC/IB = 50
25
°C
−55
°C
150
°C
IC/IB = 50


Similar Part No. - NSS1C300ET4G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C300ET4G ONSEMI-NSS1C300ET4G Datasheet
119Kb / 6P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
More results

Similar Description - NSS1C300ET4G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
NSV1C300ET4G ONSEMI-NSV1C300ET4G Datasheet
119Kb / 6P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
NSS1C201L ONSEMI-NSS1C201L_14 Datasheet
78Kb / 6P
   100 V, 3.0 A, Low VCE(sat) Transistor
December, 2014 ??Rev. 5
NSS20200W6 ONSEMI-NSS20200W6 Datasheet
107Kb / 5P
   20 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2008 ??Rev. 2
NSS1C301ET4G ONSEMI-NSS1C301ET4G_14 Datasheet
116Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
January, 2014 ??Rev. 4
NSS1C201LT1G ONSEMI-NSS1C201LT1G Datasheet
107Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2008 ??Rev. 0
NSS1C301ET4G ONSEMI-NSS1C301ET4G Datasheet
83Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2013 ??Rev. 3
NSV1C300CT ONSEMI-NSV1C300CT Datasheet
292Kb / 7P
   Bipolar Power Transistors 100 V, 3.0 A, Low VCE(sat) PNP Transistor
February, 2021 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4_10 Datasheet
106Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com