Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHPM220 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NHPM220
Description  Surface Mount Ultra Fast Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHPM220 Datasheet(HTML) 3 Page - ON Semiconductor

  NHPM220 Datasheet HTML 1Page - ON Semiconductor NHPM220 Datasheet HTML 2Page - ON Semiconductor NHPM220 Datasheet HTML 3Page - ON Semiconductor NHPM220 Datasheet HTML 4Page - ON Semiconductor NHPM220 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NHPM220, NRVHPM220
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.3
1.1
1.5
0.9
0.7
0.5
0.3
0.1
0.001
0.01
0.1
1
10
100
1.2
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
180
140
120
100
80
40
20
0
1.E−12
180
160
140
100
80
40
20
0
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
160
140
100
80
60
40
20
0
10
100
1000
1.4
60
160
200
1.E−11
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−03
60
120
200
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−03
120
200
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
1.E−04
1.E−04
Figure 6. Current Derating
TC, CASE TEMPERATURE (°C)
160
140
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
3.0
3.5
4.0
2.5
120
180
Square Wave
DC
RqJC = 12°C/W
TJ = 25°C
180


Similar Part No. - NHPM220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NHPM260T3G ONSEMI-NHPM260T3G Datasheet
72Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
September, 2015 ??Rev. 2
More results

Similar Description - NHPM220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NHPM120 ONSEMI-NHPM120 Datasheet
71Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
December, 2014 ??Rev. 0
NHPM260T3G ONSEMI-NHPM260T3G Datasheet
72Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
September, 2015 ??Rev. 2
logo
Shanghai Shunye Electro...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Shunye Electro...
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com