Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHPM220 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NHPM220
Description  Surface Mount Ultra Fast Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHPM220 Datasheet(HTML) 1 Page - ON Semiconductor

  NHPM220 Datasheet HTML 1Page - ON Semiconductor NHPM220 Datasheet HTML 2Page - ON Semiconductor NHPM220 Datasheet HTML 3Page - ON Semiconductor NHPM220 Datasheet HTML 4Page - ON Semiconductor NHPM220 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 2
1
Publication Order Number:
NHPM220/D
NHPM220, NRVHPM220
Surface Mount
Ultra Fast Power Rectifier
POWERMITE® Power Surface Mount
Package
This ultrafast POWERMITE provides soft recovery fast switching
performance in a compact thermally efficient package. The advanced
packaging techniques provide for a very efficient micro−miniature
space−saving surface mount rectifier. With its unique heatsink design,
the POWERMITE offers thermal performance similar to the SMA
while being 50% smaller in footprint area.
Features
Fast Soft Switching for Reduced EMI and Higher Efficiency
Low Profile − Maximum Height of 1.1 mm
Small Footprint − Footprint Area of 8.45 mm2
Supplied in 12 mm Tape and Reel
Low Thermal Resistance with Direct Thermal Path of Die on
Exposed Cathode Heat Sink
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
POWERMITE is JEDEC Registered as D0−216AA
Case: Molded Epoxy
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 16.3 mg (Approximately)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Maximum for 10 Seconds
MSL 1
Applications
Automotive LED Lighting
Engine Control
Freewheeling Diode Where Space is at a Premium
Flat Panel Display
Infotainment and Other Space Constrained Center−stack
Applications
ORDERING INFORMATION
ULTRAFAST
RECTIFIER
2.0 AMPERE, 200 VOLTS
www.onsemi.com
Device
Package
Shipping
NHPM220T3G
POWERMITE
(Pb−Free)
12000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
POWERMITE
CASE 457
CATHODE
ANODE
MARKING DIAGRAM
M
= Date Code
P22
= Device Code
G
= Pb−Free Package
M
P22
G
12
NRVHPM220T3G
POWERMITE
(Pb−Free)
12000 / Tape &
Reel


Similar Part No. - NHPM220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NHPM260T3G ONSEMI-NHPM260T3G Datasheet
72Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
September, 2015 ??Rev. 2
More results

Similar Description - NHPM220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NHPM120 ONSEMI-NHPM120 Datasheet
71Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
December, 2014 ??Rev. 0
NHPM260T3G ONSEMI-NHPM260T3G Datasheet
72Kb / 5P
   Surface Mount Ultra Fast Power Rectifier
September, 2015 ??Rev. 2
logo
Shanghai Shunye Electro...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Shunye Electro...
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com