Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHP120SF Datasheet(PDF) 5 Page - ON Semiconductor

Part # NHP120SF
Description  Surface Mount Ultrafast Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP120SF Datasheet(HTML) 5 Page - ON Semiconductor

  NHP120SF Datasheet HTML 1Page - ON Semiconductor NHP120SF Datasheet HTML 2Page - ON Semiconductor NHP120SF Datasheet HTML 3Page - ON Semiconductor NHP120SF Datasheet HTML 4Page - ON Semiconductor NHP120SF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NHP120SF, NRVHP120SF
http://onsemi.com
5
PACKAGE DIMENSIONS
SOD−123FL
CASE 498
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH.
4. DIMENSIONS D AND J ARE TO BE MEASURED ON FLAT SECTION
OF THE LEAD: BETWEEN 0.10 AND 0.25 MM FROM THE LEAD TIP.
D
E
b
A
A1
L
c
POLARITY INDICATOR
OPTIONAL AS NEEDED
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.90
0.95
0.98
0.035
INCHES
A1
0.00
0.05
0.10
0.000
b
0.70
0.90
1.10
0.028
c
0.10
0.15
0.20
0.004
D
1.50
1.65
1.80
0.059
E
2.50
2.70
2.90
0.098
L
0.55
0.75
0.95
0.022
0.037
0.039
0.002
0.004
0.035
0.043
0.006
0.008
0.065
0.071
0.106
0.114
0.030
0.037
NOM
MAX
3.40
3.60
3.80
0.134
0.142
0.150
H E
0
°
8
°
0
°
8
°
q
q
q
TOP VIEW
BOTTOM VIEW
SIDE VIEW
HE
2X
2X
END VIEW
RECOMMENDED
DIMENSIONS: MILLIMETERS
1.25
2X
4.20
1.22
2X
12
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NHP120SF/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NHP120SF

ManufacturerPart #DatasheetDescription
logo
ABB
NHP139037R1 ABB-NHP139037R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
NHP139037R2 ABB-NHP139037R2 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
ON Semiconductor
NHP160SF ONSEMI-NHP160SF Datasheet
142Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NHP160SFT3G ONSEMI-NHP160SFT3G Datasheet
142Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
More results

Similar Description - NHP120SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA260T3 ONSEMI-MURA260T3 Datasheet
48Kb / 4P
   Surface Mount Ultrafast Power Rectifier
February, 2006 ??Rev. 3
MURA160T3 ONSEMI-MURA160T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifier
January, 2003 - Rev. 3
logo
Solid States Devices, I...
RC0128D SSDI-RC0128D_15 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
NHP260SF ONSEMI-NHP260SF Datasheet
145Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NHP220SF ONSEMI-NHP220SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 2
MURA160 ONSEMI-MURA160 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifier
October, 2016 ??Rev. 7
NHPAF320 ONSEMI-NHPAF320_16 Datasheet
67Kb / 5P
   Surface Mount Ultrafast Power Rectifier
November, 2016 ??Rev. 1
MURA160T3G ONSEMI-MURA160T3G_12 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 6
MURA260T3G ONSEMI-MURA260T3G_12 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 4
logo
Solid States Devices, I...
SER30KB60 SSDI-SER30KB60_1 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com