Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8716MT33TBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8716MT33TBG
Description  80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8716MT33TBG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8716MT33TBG Datasheet HTML 1Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 2Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 3Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 4Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 5Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 6Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 7Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 8Page - ON Semiconductor NCV8716MT33TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCV8716
www.onsemi.com
2
Figure 2. Simplified Block Diagram
IN
OUT
MOSFET
DRIVER WITH
CURRENT LIMIT
THERMAL
SHUTDOWN
EEPROM
UVLO
GND
BANDGAP
REFERENCE
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
wDFN6, 2 x 2
Pin
Name
Description
6
OUT
Regulated output voltage pin. A small 0.47
mF ceramic capacitor is needed from this pin to ground to
assure stability.
2
N/C
No connection. This pin can be tied to ground to improve thermal dissipation or left disconnected.
3, EXP
GND
Power supply ground. Exposed pad EXP must be tied with GND pin 3.
4
N/C
No connection. This pin can be tied to ground to improve thermal dissipation or left disconnected.
5
N/C
No connection. This pin can be tied to ground to improve thermal dissipation or left disconnected.
1
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 to 24
V
Output Voltage
VOUT
−0.3 to 5
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
125
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latch up Current Maximum Rating tested per JEDEC standard: JESD78
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, wDFN6, 2 mm x 2 mm
Thermal Resistance, Junction−to−Air
RqJA
120
°C/W


Similar Part No. - NCV8716MT33TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8716MT33TBG ONSEMI-NCV8716MT33TBG Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results

Similar Description - NCV8716MT33TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
NCP716 ONSEMI-NCP716_16 Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
NCP716 ONSEMI-NCP716 Datasheet
666Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2014 ??Rev. 1
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com