Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8715MX33TBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8715MX33TBG
Description  50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8715MX33TBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8715MX33TBG Datasheet HTML 1Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 2Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 3Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 4Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 5Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 6Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 7Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 8Page - ON Semiconductor NCV8715MX33TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 4
1
Publication Order Number:
NCV8715/D
NCV8715
50 mA Ultra-Low Iq, Wide
Input Voltage, Low Dropout
Linear Voltage Regulator
The NCV8715 is 50 mA LDO Linear Voltage Regulator. It is a very
stable and accurate device with ultra−low ground current consumption
(4.7
mA over the full output load range) and a wide input voltage range
(up to 24 V). The regulator incorporates several protection features
such as Thermal Shutdown and Current Limiting.
Features
Operating Input Voltage Range: 2.5 V to 24 V
Fixed Voltage Options Available: 1.2 V to 5.0 V
Ultra Low Quiescent Current: Max. 5.8 mA Over Full Load and
Temperature
±2% Accuracy Over Full Load, Line and Temperature Variations
PSRR: 52 dB at 100 kHz
Noise: 190 mVRMS from 200 Hz to 100 kHz
Thermal Shutdown and Current Limit protection
Available in XDFN6 1.5 x 1.5 mm and SC−70 (SC−88A) Package
These are Pb−Free Devices
Typical Applications
Infotainment, Audio
Communication Systems
Safety Systems
Figure 1. Typical Application Schematic
NCV8715
NC
IN
OUT
NC
GND
1.2 V < Vout < 5 V
2.5 V < Vout < 24 V
1
mF
Ceramic
1
mF
Ceramic
XDFN6
CASE 711AE
MARKING
DIAGRAMS
www.onsemi.com
See detailed ordering, marking and shipping information on
page 18 of this data sheet.
ORDERING INFORMATION
XXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
XXXM
G
G
1
SC−70−5
(SC−88A)
CASE 419A
XXX M
G
G
(Note: Microdot may be in either location)


Similar Part No. - NCV8715MX33TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8715MX33TBG ONSEMI-NCV8715MX33TBG Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
More results

Similar Description - NCV8715MX33TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
NCP716 ONSEMI-NCP716_16 Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
NCV8716 ONSEMI-NCV8716 Datasheet
620Kb / 16P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
April, 2015 ??Rev. 3
NCP716 ONSEMI-NCP716 Datasheet
666Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2014 ??Rev. 1
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com