Electronic Components Datasheet Search |
|
NCV8170BXV150T2G Datasheet(PDF) 8 Page - ON Semiconductor |
|
NCV8170BXV150T2G Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 20 page NCV8170 www.onsemi.com 8 ELECTRICAL CHARACTERISTICS − VOLTAGE VERSION 3.0 V (−40 °C ≤ TJ ≤ 125°C; VIN = 4.0 V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TA = +25°C.) (Note 23) Symbol Parameter Test Conditions Min Typ Max Unit VIN Operating Input Voltage 2.2 − 5.5 V VOUT Output Voltage TA = +25°C 2.97 3.0 3.03 V −40 °C ≤ TJ ≤ 125°C 2.94 3.0 3.06 LineReg Line Regulation 4.0 V < VIN ≤ 5.5 V, IOUT = 1 mA − 0.05 0.20 %/V LoadReg Load Regulation 0 mA < IOUT ≤ 150 mA, VIN = 4 V −20 1 20 mV VDO Dropout Voltage IOUT = 150 mA (Note 24) − 190 260 mV IOUT Output Current (Note 25) 150 − − mA ISC Short Circuit Current Limit VOUT = 0 V − 195 − mA IQ Quiescent Current IOUT = 0 mA − 0.5 0.9 mA ISTB Standby Current VEN = 0 V, TJ = 25°C − 0.1 0.5 mA VENH EN Pin Threshold Voltage EN Input Voltage “H” 1.2 − − V VENL EN Pin Threshold Voltage EN Input Voltage “L” − − 0.4 V IEN EN Pull Down Current VEN ≤ VIN ≤ 5.5 V (Note 26) − 10 − nA PSRR Power Supply Rejection Ratio f = 1 kHz, VIN = 4.0 V + 200 mVpp Modulation IOUT = 150 mA − 47 − dB VNOISE Output Noise Voltage VIN = 5.5 V, IOUT = 1 mA f = 100 Hz to 1 MHz, COUT = 1 mF − 120 − mVrms RLOW Active Output Discharge Resistance (A option only) VIN = 5.5 V, VEN = 0 V (Note 26) − 100 − W TSD Thermal Shutdown Temperature Temperature Increasing from TJ = +25°C (Note 26) − 175 − °C TSDH Thermal Shutdown Hysteresis Temperature Falling from TSD (Note 26) − 25 − °C Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 23. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ =TA =25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 24. Characterized when VOUT falls 90 mV below the regulated voltage and only for devices with VOUT = 3.0 V. 25. Respect SOA. 26. Guaranteed by design and characterization. |
Similar Part No. - NCV8170BXV150T2G |
|
Similar Description - NCV8170BXV150T2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |