Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8154MW330280TBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8154MW330280TBG
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8154MW330280TBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8154MW330280TBG Datasheet HTML 1Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 2Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 3Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 4Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 5Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 6Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 7Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 8Page - ON Semiconductor NCV8154MW330280TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 3
1
Publication Order Number:
NCV8154/D
NCV8154
Dual 300 mA, Low IQ, Low
Dropout, Dual Input Voltage
Regulator
The NCV8154 is 300 mA, Dual Output Linear Voltage Regulator
that offers two independent input pins and provides a very stable and
accurate voltage with ultra low noise and very high Power Supply
Rejection Ratio (PSRR) suitable for RF applications. The NCV8154 is
suitable for powering RF blocks of automotive infotainment systems
and other power sensitive device. Due to low power consumption the
NCV8154 offers high efficiency and low thermal dissipation.
Features
Operating Input Voltage Range: 1.9 V to 5.25 V
Two Independent Input Voltage Pins
Two Independent Output Voltage (for detail please refer to Ordering
Information)
Low IQ of typ. 55 mA per Channel
High PSRR: 75 dB at 1 kHz
Very Low Dropout: 140 mV Typical at 300 mA
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in DFN10 3 × 3 mm Package
Active Output Discharge for Fast Output Turn-Off
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb-free Devices
Typical Applications
Applications Requiring Wettable Flanks for Enhanced Visual
Inspection
Wireless LAN, Bluetooth®, ZigBee® Interfaces
Automotive Infotainment Systems
IN1
IN2
EN1
EN2
OUT1
OUT2
GND
NCV8154
VOUT1
VOUT2
COUT1
1
mF
COUT2
1
mF
CIN2
1
mF
CIN1
1
mF
VIN1
VIN2
Figure 1. Typical Application Schematic
DFN10, 3x3
CASE 485C
MARKING DIAGRAM
www.onsemi.com
PIN CONNECTIONS
2
5
N/C
OUT1
3
OUT2
9
6
N/C
IN1
8
IN2
EP
1
GND
10 EN1
See detailed ordering, marking and shipping information on
page 15 of this data sheet.
ORDERING INFORMATION
DFN10
(Top View)
x
= NCV8154N − Non wettable flank
= NCV8154W − Wettable flank
VVVVV = Voltage Option
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NCV8154x
VVVVV
ALYW
G
G
(Note: Microdot may be in either location)
4
7
GND
EN2


Similar Part No. - NCV8154MW330280TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154MW330280TBG ONSEMI-NCV8154MW330280TBG Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8154MW330280TBG ONSEMI-NCV8154MW330280TBG Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
More results

Similar Description - NCV8154MW330280TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com