Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8152MX330180TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8152MX330180TCG
Description  Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8152MX330180TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8152MX330180TCG Datasheet HTML 1Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 2Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 3Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 4Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 5Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 6Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 7Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 8Page - ON Semiconductor NCV8152MX330180TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCV8152
www.onsemi.com
5
TYPICAL CHARACTERISTICS
1.85
TJ, JUNCTION TEMPERATURE (°C)
−40
IOUT = 1 mA
IOUT = 150 mA
VIN = 2.8 V
VOUT = 1.8 V
CIN = 0.22 mF
COUT = 0.22 mF
Figure 3. Output Voltage vs. Temperature
VOUT = 1.8 V
2.85
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Output Voltage vs. Temperature
VOUT = 2.8 V
VIN = 3.8 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
IOUT = 1 mA
IOUT = 150 mA
IOUT, OUTPUT CURRENT (mA)
0.001
Figure 5. Ground Current vs. Output Current −
One Channel Load
500
400
350
300
250
200
150
100
50
0
1000
0.01
0.1
1
10
100
VIN = 3.8 V
VOUT = 2.8 V
VEN1 = VEN2 = VIN
CIN = 0.22 mF
COUT = 0.22 mF
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
1.75
−20
0
20
40
60
80
100
120
140
−40 −20
0
20
40
60
80
100
120 140
2.84
2.83
2.82
2.81
2.80
2.79
2.78
2.77
2.76
2.75
TJ = 125°C
TJ = 25°C
TJ = −40°C
IOUT, OUTPUT CURRENT (mA)
0
Figure 6. Ground Current vs. Output Current −
Different Load Combinations
750
150
15
30
45
60
135
VIN = 3.8 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
VEN1 = 0 V,
VEN2 = VIN,
OUT1−LOAD
105
75
90
120
675
600
525
450
375
300
225
150
75
0
VEN1 = VEN2 = VIN,
OUT1−LOAD
VEN1 = VEN2 = VIN,
OUT1−LOAD
OUT2−LOAD
450
100
VIN, INPUT VOLTAGE (V)
0
0.5
Figure 7. Quiescent Current vs. Input Voltage−
Both Outputs ON
1.0
1.5
2.0 2.5
3.0
3.5 4.0
4.5
5.0
5.5
VIN = 3.8 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
25
°C
−40
°C
125
°C
90
80
70
60
50
40
30
20
10
0
0.05
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Line Regulation vs. Temperature
VOUT = 1.8 V
−40 −20
0
20
140
120
100
80
60
40
VIN = 2.5 V to 5.25 V
VOUT = 1.8 V
IOUT = 1 mA
CIN = 0.22 mF
COUT = 0.22 mF
0.04
0.03
0.02
0.01
0
−0.01
−0.02
−0.03
−0.04
−0.05


Similar Part No. - NCV8152MX330180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154 ONSEMI-NCV8154 Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8154MN300300TBG ONSEMI-NCV8154MN300300TBG Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
More results

Similar Description - NCV8152MX330180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com