Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BH20K-SPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4BH20K-SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BH20K-SPBF Datasheet(HTML) 6 Page - International Rectifier

  IRG4BH20K-SPBF_15 Datasheet HTML 1Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 2Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 3Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 4Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 5Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 6Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 7Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 8Page - International Rectifier IRG4BH20K-SPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRG4BH20K-SPbF
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
1
10
100
1
10
100
1000
10000
V
= 20V
T
= 125 C
GE
J
o
SAFE OPERATING AREA
V
, Collector-to-Emitter Voltage (V)
CE
0
2
4
6
8
10
0.0
1.0
2.0
3.0
4.0
5.0
I , Collector Current (A)
C
R
= 50Ohm
T
= 150 C
V
= 960V
V
= 15V
G
J
CC
GE
°


Similar Part No. - IRG4BH20K-SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-SPBF IRF-IRG4BH20K-SPBF Datasheet
265Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BH20K-SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com