Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC40UPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC40UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC40UPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC40UPBF_15 Datasheet HTML 1Page - International Rectifier IRG4BC40UPBF_15 Datasheet HTML 2Page - International Rectifier IRG4BC40UPBF_15 Datasheet HTML 3Page - International Rectifier IRG4BC40UPBF_15 Datasheet HTML 4Page - International Rectifier IRG4BC40UPBF_15 Datasheet HTML 5Page - International Rectifier IRG4BC40UPBF_15 Datasheet HTML 6Page - International Rectifier IRG4BC40UPBF_15 Datasheet HTML 7Page - International Rectifier IRG4BC40UPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRG4BC40UPbF
UltraFast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
E
C
G
n-channel
Features
• UltraFast: optimized for high operating
frequencies 8-40 KHz in hard switching, >200
kHz in resonant mode
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
Generation 3
• Industry standard TO-220AB package
• Lead-Free
• Generation 4 IGBTs offer highest efficiency available
• IGBTs optimized for specified application conditions
• Designed to be a "drop-in" replacement for equivalent
industry-standard Generation 3 IR IGBTs
Benefits
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
------
------
0.77
RθCS
Case-to-Sink, flat, greased surface
------
0.50
------
°C/W
RθJA
Junction-to-Ambient, typical socket mount
------
------
80
Wt
Weight
------
2 (0.07)
------
g (oz)
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
40
IC @ TC = 100°C
Continuous Collector Current
20
A
ICM
Pulsed Collector Current 
160
ILM
Clamped Inductive Load Current ‚
160
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy ƒ
15
mJ
PD @ TC = 25°C
Maximum Power Dissipation
160
PD @ TC = 100°C
Maximum Power Dissipation
65
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
VCES=600V
VCE(on) typ. = 1.72V
@VGE = 15V, IC = 20A
02/18/10
W
www.irf.com
1
TO-220AB
PD - 95428A


Similar Part No. - IRG4BC40UPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results

Similar Description - IRG4BC40UPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com